Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2346 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS2346
Descripción Electrónicos  OPTICAL NETWORK HOT SWAP POWER MANAGER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2346 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2346 Datasheet HTML 1Page - Texas Instruments TPS2346 Datasheet HTML 2Page - Texas Instruments TPS2346 Datasheet HTML 3Page - Texas Instruments TPS2346 Datasheet HTML 4Page - Texas Instruments TPS2346 Datasheet HTML 5Page - Texas Instruments TPS2346 Datasheet HTML 6Page - Texas Instruments TPS2346 Datasheet HTML 7Page - Texas Instruments TPS2346 Datasheet HTML 8Page - Texas Instruments TPS2346 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS2346
SLUS529 – MAY 2002
2
www.ti.com
description (continued)
Fully programmed sequencing control ramps the back-end plane voltages in order, and during shutdown from
a healthy state, turns off the back-end supplies in the reverse order. In addition, electronic circuit breakers
provide continuous protection for the system supplies during the plug-in operation. The TTL/CMOS-compatible
ENABLE input and the board power good signal (PG) can interface directly to the individual backplane slot
control and status signals. A precharge pin (PRECHG) provides a 1-V bias supply for the I/O signals.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Input voltage range, VIN1, VIN2, VIN3, ENABLE, PG, PRECHG
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . .
VS1, VS2, VS3, CS1, CS2, CS3
–0.3 V to VIN +0.3 V of corresponding channel
. . . . .
CPUMP, GATE1, GATE2, GATE3
–0.3 V to 25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VIN4, VS4, GATE4, CS4
–15 V to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IRAMP
–0.3 V to VI(VIN1) +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to GND.
Currents are positive into, and negative out of the specified terminal.
AVAILABLE OPTIONS
T
PACKAGED DEVICES
TA
TSSOP (PW)
–40
_C to 85_C
TPS2346PW
{The PW package is available taped and reeled. Add TR suffix to device type
(e.g. TPS2346PWTR) to order quantities of 2,000 devices per reel and 90
units per tube.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GATE1
VS1
VIN1
CS1
IRAMP
ENABLE
RGND
PRECHG
CS3
VIN3
VS3
GATE3
GATE2
VS2
VIN2
CS2
CPUMP
CPGND
AGND
PG
CS4
VIN4
VS4
GATE4
PW PACKAGE
(TOP VIEW)


Número de pieza similar - TPS2346

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2346 TI-TPS2346 Datasheet
470Kb / 29P
[Old version datasheet]   OPTICAL NETWORK HOT SWAP POWER MANAGER
More results

Descripción similar - TPS2346

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2346 TI-TPS2346 Datasheet
470Kb / 29P
[Old version datasheet]   OPTICAL NETWORK HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com