Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0733560230 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0733560230
Descripción Electrónicos  75 Ohms, F Right-Angle Plug, Crimp, RG-179 Cable, Solder Center Contact Termination, Protective Vinyl Cap
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0733560230 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0733560230 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/03/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0733560230
Status:
Active
Overview:
Type F RF Connectors
Description:
75 Ohms, F Right-Angle Plug, Crimp, RG-179 Cable, Solder Center Contact
Termination, Protective Vinyl Cap
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73356
Overview
Type F RF Connectors
Product Name
F
Style
Cable
UPC
800756022000
Wire/Cable Type
RG-179
Physical
Cable Attachment
Crimp
Gender
Plug
Keying to Mating Part
None
Net Weight
14.368/g
Orientation
Right Angle
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Electrical
Impedance
75#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73356-023
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73356 Series
This document was generated on 03/03/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0733560230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0733560230 MOLEX-0733560230_V01 Datasheet
45Kb / 1P
   75 Ohms, F Right-Angle Plug, Crimp, RG-179 Cable, Solder Center Contact Termination, Protective Vinyl Cap
More results

Descripción similar - 0733560230

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0733560230 MOLEX-0733560230_V01 Datasheet
45Kb / 1P
   75 Ohms, F Right-Angle Plug, Crimp, RG-179 Cable, Solder Center Contact Termination, Protective Vinyl Cap
73330-0180 MOLEX11-73330-0180 Datasheet
29Kb / 1P
   75 Ohms, F Straight Plug, Crimp, RG-179 Cable, Solder Center Contact Termination
73356-0180 MOLEX11-73356-0180 Datasheet
29Kb / 1P
   75 Ohms, F Straight Plug, Crimp, RG-179 Cable, Solder Center Contact Termination
0733560180 MOLEX11-0733560180 Datasheet
25Kb / 1P
   75 Ohms, F Straight Plug, Crimp, RG-179 Cable, Solder Center Contact Termination
0733560180 MOLEX-0733560180_V01 Datasheet
57Kb / 1P
   75 Ohms, F Straight Jack, Crimp, RG-179 Cable, Solder Center Contact Termination
0733560190 MOLEX11-0733560190 Datasheet
53Kb / 1P
   75 Ohms, F Right-Angle Plug, Crimp, Belden 1865A, Solder Center Contact Termination
0733560190 MOLEX-0733560190_V01 Datasheet
44Kb / 1P
   75 Ohms, F Right-Angle Plug, Crimp, Belden 1865A, Solder Center Contact Termination
0733560210 MOLEX11-0733560210 Datasheet
29Kb / 1P
   75 Ohms, F Straight Plug, Crimp, RG-179 Cable
0733560210 MOLEX-0733560210_V01 Datasheet
52Kb / 1P
   75 Ohms, F Straight Plug, Crimp, RG-179 Cable
0733560280 MOLEX11-0733560280 Datasheet
25Kb / 1P
   75 Ohms, F Bulkhead Jack, Crimp, RG-179 Cable
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com