Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS389x Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS389x
Descripción Electrónicos  Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS389x Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS389x Datasheet HTML 7Page - Texas Instruments TPS389x Datasheet HTML 8Page - Texas Instruments TPS389x Datasheet HTML 9Page - Texas Instruments TPS389x Datasheet HTML 10Page - Texas Instruments TPS389x Datasheet HTML 11Page - Texas Instruments TPS389x Datasheet HTML 12Page - Texas Instruments TPS389x Datasheet HTML 13Page - Texas Instruments TPS389x Datasheet HTML 14Page - Texas Instruments TPS389x Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Time(200ns/div)
V
2V/div
ENABLE
V
2V/div
SENSE_OUT
TPS389
www.ti.com
SBVS172B – JULY 2011 – REVISED APRIL 2015
Typical Characteristics (continued)
At TA = 25°C, and VCC = 3.3 V, unless otherwise noted.
Figure 17. Enable Power On and Power Off Delay (TPS3895P)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS389


Número de pieza similar - TPS389x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3890 TI1-TPS3890 Datasheet
145Kb / 6P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
1Mb / 25P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
TPS3890 TI1-TPS3890 Datasheet
1Mb / 26P
[Old version datasheet]   Low Quiescent Current, 1% Accurate Supervisor with Programmable Delay
More results

Descripción similar - TPS389x

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
   Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
Maxim Integrated Produc...
MAX6338 MAXIM-MAX6338 Datasheet
174Kb / 8P
   Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com