Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3895P Datasheet(PDF) 4 Page - Texas Instruments |
|
TPS3895P Datasheet(HTML) 4 Page - Texas Instruments |
4 / 31 page ENABLE GND SENSE VCC CT SENSE_OUT 1 2 3 6 5 4 ENABLE GND SENSE VCC CT SENSE_OUT 1 2 3 6 5 4 TPS389 SBVS172B – JULY 2011 – REVISED APRIL 2015 www.ti.com 6 Pin Configuration and Functions DRY Package: TPS3895, TPS3897 6-Pin USON Top View DRY Package: TPS3896, TPS3898 6-Pin USON Top View Pin Functions PIN USON I/O DESCRIPTION NAME TPS3895/ TPS3896/ TPS3897 TPS3898 Capacitor-adjustable delay. The CT pin offers a user-adjustable delay time. Connecting this pin to a ground referenced capacitor sets the delay time for SENSE rising above CT 5 5 I 0.5 V to SENSE_OUT asserting (or ENABLE asserting to SENSE_OUT asserting for A version devices). tpd(r) (s) = [CCT (µF) × 4] + 40 µs Active high input. Driving ENABLE low immediately makes SENSE_OUT go low, independent of V(SENSE). With V(SENSE) already above VIT+, drive ENABLE high to ENABLE 1 — I make SENSE_OUT go high after the capacitor-adjustable delay time (A version) or 0.2 µs (P version). Active low input. Driving ENABLE high immediately makes SENSE_OUT go high, independent of V(SENSE). With V(SENSE) already above VIT+, drive ENABLE low to make ENABLE — 1 I SENSE_OUT go low after the capacitor-adjustable delay time (A version) or 0.2 µs (P version). GND 2 2 — Ground This pin is connected to the voltage that is monitored with the use of an external resistor. The output asserts after the capacitor-adjustable delay time when V(SENSE) SENSE 3 3 I rises above 0.5 V and ENABLE is asserted. The output deasserts after a minimal propagation delay (16 µs) when V(SENSE) falls below VIT+ – Vhys. SENSE_OUT is an open-drain and push-pull output that is immediately driven low after V(SENSE) falls below (VIT+ – Vhys) or the ENABLE input is low. SENSE_OUT goes high SENSE_OUT 4 — O after the capacitor-adjustable delay time when V(SENSE) is greater than VIT+ and the ENABLE pin is high. Open-drain devices (TPS3897/8) can be pulled up to 18 V independent of VCC; pullup resistors are required for these devices. SENSE_OUT is an open-drain and push-pull output that is immediately driven high after V(SENSE) falls below (VIT+ – Vhys) or the ENABLE input is high. SENSE_OUT goes SENSE_OUT — 4 O low after the capacitor-adjustable delay time when V(SENSE) is greater than VIT+ and the ENABLE pin is low. Open-drain devices (TPS3897/8) can be pulled up to 18 V independent of VCC; pullup resistors are required for these devices. Supply voltage input. Connect a 1.7-V to 6.5-V supply to VCC to power the device. It is VCC 6 6 I good analog design practice to place a 0.1-µF ceramic capacitor close to this pin. 4 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: TPS389 |
Número de pieza similar - TPS3895P |
|
Descripción similar - TPS3895P |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |