Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2370DR Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS2370DR
Descripción Electrónicos  IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2370DR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2370DR Datasheet HTML 1Page - Texas Instruments TPS2370DR Datasheet HTML 2Page - Texas Instruments TPS2370DR Datasheet HTML 3Page - Texas Instruments TPS2370DR Datasheet HTML 4Page - Texas Instruments TPS2370DR Datasheet HTML 5Page - Texas Instruments TPS2370DR Datasheet HTML 6Page - Texas Instruments TPS2370DR Datasheet HTML 7Page - Texas Instruments TPS2370DR Datasheet HTML 8Page - Texas Instruments TPS2370DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPS2370
SLUS537C − AUGUST 2002 − REVISED MARCH 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VDD = 48 V; TA = 0°C to 70°C; all voltages and currents are with respect to VEE; (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
Offset current
VDD = 1.8 V, DET = OPEN
3
IDD
Sleep current
1.8 V
≤ VDD < 10 V, DET = OPEN
5
12
A
IDET
Detection load current
RDET = 24.9 kΩ, VDD = 1.8 V
70
73
76
µA
IDET
Detection load current
RDET = 24.9 kΩ, VDD = 9.5 V
380
390
400
Classification current threshold
Turn on
10.0
12.5
14.0
V
Classification current threshold
Turn off
21.5
22.5
23.5
V
VDD current class 0
0.44 W
≤ PPoE ≤ 12.95 W,
15 V
≤ VDD ≤ 20 V, RCLASS = 4.42 kΩ
2.2
2.5
2.8
VDD current class 1
0.44 W
≤ PPoE ≤ 3.84 W,
15 V
≤ VDD ≤ 20 V, RCLASS = 953 Ω
10.4
10.8
11.5
VDD current class 2
3.84 W
≤ PPoE ≤ 6.49 W,
15 V
≤ VDD ≤ 20 V, RCLASS = 549 Ω
18.1
18.6
19.5
mA
VDD current class 3
6.49 W
≤ PPoE ≤ 12.95 W,
15 V
≤ VDD ≤ 20 V, RCLASS = 357 Ω
27.7
28.4
29.9
VDD current class 4
Reserved for future use,
15 V
≤ VDD ≤ 20 V, RCLASS = 255 Ω
38.5
39.6
42.0
VDD quiescent current
30 V
≤ VDD ≤ 57 V, RCLASS = 255 Ω
500
800
µA
Input UVLO threshold
Turn on
38.6
40.2
41.8
Input UVLO threshold
Turn off
30.2
31.4
32.6
V
UVLO hysteresis
7.8
8.8
9.8
V
EN_DC sink current
40
80
200
µA
RTN threshold for EN_DC
1.2
1.5
1.8
V
DMOS RDS(on)
IRTN = 200 mA
0.15
0.30
0.60
Full load current limit
VRTN < 1.5 V
405
455
505
mA
ILIM current limit programming
RLIM = 125 kΩ, VRTN > 1.5 V during startup
180
250
300
mA
Thermal shutdown temperature
144
°C
Thermal shutdown hysteresis
20
°C
1
2
3
4
8
7
6
5
ILIM
CLASS
DET
VEE
VDD
NC
EN_DC
RTN
D OR PW PACKAGE
(TOP VIEW)


Número de pieza similar - TPS2370DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2370D TI-TPS2370D Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results

Descripción similar - TPS2370DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
[Old version datasheet]   LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com