Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2394PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2394PW
Descripción Electrónicos  ??8-V Hot Swap Power Manager
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2394PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2394PW Datasheet HTML 4Page - Texas Instruments TPS2394PW Datasheet HTML 5Page - Texas Instruments TPS2394PW Datasheet HTML 6Page - Texas Instruments TPS2394PW Datasheet HTML 7Page - Texas Instruments TPS2394PW Datasheet HTML 8Page - Texas Instruments TPS2394PW Datasheet HTML 9Page - Texas Instruments TPS2394PW Datasheet HTML 10Page - Texas Instruments TPS2394PW Datasheet HTML 11Page - Texas Instruments TPS2394PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
-11.5
-10.9
-9.1
-8.5
-10.3
-9.7
-40
-15
10
35
60
85
T - Ambient Temperature - °C
A
Average for V
- V
= 1V, 3V
V
= 0 V
-80 V
V
-12 V
OUT(RAMP)
(SOURCE)
(RTN)
(SOURCE)
-46
-48
-52
-54
-58
-40
-15
10
35
60
85
T - Ambient Temperature - °C
A
V
= 0 V
V
- V
= 2 V
-80 V
V
-20 V
(RTN)
(FLTTIM)
(SOURCE)
(SOURCE)
0.25
0.45
0.35
0.50
0.40
0.30
0.20
-40
-15
10
35
60
85
T - Ambient Temperature - °C
A
V
= 0 V
V
- V
= 2 V
-80 V
V
-20 V
(RTN)
(FLTTIM)
(SOURCE)
(SOURCE)
3.85
4.15
3.95
4.25
4.05
3.75
-40
-15
10
35
60
85
T - Ambient Temperature - °C
A
V
= 0 V
V
= -48 V
Relative to SOURCE
(RTN)
(SOURCE)
TPS2394
SLVSAA9 – AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
RAMP OUTPUT CURRENT
TIMER CHARGING CURRENT
vs
vs
AMBIENT TEMPERATURE, NORMAL RATE MODE
AMIBENT TEMPERATURE
Figure 5.
Figure 6.
TIMER DISCHARGE CURRENT
FAULT LATCH THRESHOLD VOLTAGE
vs
vs
AMIBENT TEMPERATURE
AMIBENT TEMPERATURE
Figure 7.
Figure 8.
8
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2394


Número de pieza similar - TPS2394PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2394PW TI1-TPS2394PW Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394PWR TI1-TPS2394PWR Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
More results

Descripción similar - TPS2394PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com