Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3895ADRYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3895ADRYR
Descripción Electrónicos  Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3895ADRYR Datasheet(HTML) 4 Page - Texas Instruments

  TPS3895ADRYR Datasheet HTML 1Page - Texas Instruments TPS3895ADRYR Datasheet HTML 2Page - Texas Instruments TPS3895ADRYR Datasheet HTML 3Page - Texas Instruments TPS3895ADRYR Datasheet HTML 4Page - Texas Instruments TPS3895ADRYR Datasheet HTML 5Page - Texas Instruments TPS3895ADRYR Datasheet HTML 6Page - Texas Instruments TPS3895ADRYR Datasheet HTML 7Page - Texas Instruments TPS3895ADRYR Datasheet HTML 8Page - Texas Instruments TPS3895ADRYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ENABLE
GND
SENSE
VCC
CT
SENSE_OUT
1
2
3
6
5
4
ENABLE
GND
SENSE
VCC
CT
SENSE_OUT
1
2
3
6
5
4
TPS389
SBVS172B – JULY 2011 – REVISED APRIL 2015
www.ti.com
6 Pin Configuration and Functions
DRY Package: TPS3895, TPS3897
6-Pin USON
Top View
DRY Package: TPS3896, TPS3898
6-Pin USON
Top View
Pin Functions
PIN
USON
I/O
DESCRIPTION
NAME
TPS3895/
TPS3896/
TPS3897
TPS3898
Capacitor-adjustable delay. The CT pin offers a user-adjustable delay time. Connecting
this pin to a ground referenced capacitor sets the delay time for SENSE rising above
CT
5
5
I
0.5 V to SENSE_OUT asserting (or ENABLE asserting to SENSE_OUT asserting for A
version devices).
tpd(r) (s) = [CCT (µF) × 4] + 40 µs
Active high input. Driving ENABLE low immediately makes SENSE_OUT go low,
independent of V(SENSE). With V(SENSE) already above VIT+, drive ENABLE high to
ENABLE
1
I
make SENSE_OUT go high after the capacitor-adjustable delay time (A version) or 0.2
µs (P version).
Active low input. Driving ENABLE high immediately makes SENSE_OUT go high,
independent of V(SENSE). With V(SENSE) already above VIT+, drive ENABLE low to make
ENABLE
1
I
SENSE_OUT go low after the capacitor-adjustable delay time (A version) or 0.2 µs (P
version).
GND
2
2
Ground
This pin is connected to the voltage that is monitored with the use of an external
resistor. The output asserts after the capacitor-adjustable delay time when V(SENSE)
SENSE
3
3
I
rises above 0.5 V and ENABLE is asserted. The output deasserts after a minimal
propagation delay (16 µs) when V(SENSE) falls below VIT+ – Vhys.
SENSE_OUT is an open-drain and push-pull output that is immediately driven low after
V(SENSE) falls below (VIT+ – Vhys) or the ENABLE input is low. SENSE_OUT goes high
SENSE_OUT
4
O
after the capacitor-adjustable delay time when V(SENSE) is greater than VIT+ and the
ENABLE pin is high. Open-drain devices (TPS3897/8) can be pulled up to 18 V
independent of VCC; pullup resistors are required for these devices.
SENSE_OUT is an open-drain and push-pull output that is immediately driven high
after V(SENSE) falls below (VIT+ – Vhys) or the ENABLE input is high. SENSE_OUT goes
SENSE_OUT
4
O
low after the capacitor-adjustable delay time when V(SENSE) is greater than VIT+ and the
ENABLE pin is low. Open-drain devices (TPS3897/8) can be pulled up to 18 V
independent of VCC; pullup resistors are required for these devices.
Supply voltage input. Connect a 1.7-V to 6.5-V supply to VCC to power the device. It is
VCC
6
6
I
good analog design practice to place a 0.1-µF ceramic capacitor close to this pin.
4
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS389


Número de pieza similar - TPS3895ADRYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3895ADRYR TI1-TPS3895ADRYR Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results

Descripción similar - TPS3895ADRYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
   Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
Maxim Integrated Produc...
MAX6338 MAXIM-MAX6338 Datasheet
174Kb / 8P
   Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com