Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2400DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2400DBVT
Descripción Electrónicos  Overvoltage Protection Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2400DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2400DBVT Datasheet HTML 2Page - Texas Instruments TPS2400DBVT Datasheet HTML 3Page - Texas Instruments TPS2400DBVT Datasheet HTML 4Page - Texas Instruments TPS2400DBVT Datasheet HTML 5Page - Texas Instruments TPS2400DBVT Datasheet HTML 6Page - Texas Instruments TPS2400DBVT Datasheet HTML 7Page - Texas Instruments TPS2400DBVT Datasheet HTML 8Page - Texas Instruments TPS2400DBVT Datasheet HTML 9Page - Texas Instruments TPS2400DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2
0
4
5
6
8
2
8
4
12
10
16
20
18
6
14
3
7
VVIN − Input Supply Voltage − V
−40°C ≤ TJ ≤ 125°C
−50
400
300
0
50
100
150
350
600
500
550
450
VGATE= 15 V
TJ − Junction Temperature − °C
0
2
5
10
15
20
4
3
5
6
8
7
VIN = 5 V
VGATE − Gate Voltage − V
TJ = 125°C
TJ = 25°C
TJ = −40°C
0
2
5
10
15
4
3
5
6
8
7
VGATE − Gate Voltage − V
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 3.1 V
−50
0
0
50
100
150
100
300
200
500
400
600
800
700
TJ − Junction Temperature − °C
VVIN > VOVP
VIN= 100 V
VIN= 75 V
VIN= 50 V
VIN= 25 V
VIN= 10 V
−50
20
0
0
50
100
150
60
40
100
80
140
120
180
160
TJ − Junction Temperature − °C
VIN= 6.5 V
VIN= 3.1 V
VIN= 5.0 V
VIN is within the
GATE Enable Range
TPS2400
SLUS599B – JUNE 2004 – REVISED OCTOBER 2015
www.ti.com
6.6 Typical Characteristics
Figure 1. Input Supply current vs Junction Temperature
Figure 2. Input Supply current vs Junction Temperature
Figure 3. Gate Sourcing Current vs Gate Voltage
Figure 4. Gate Sourcing Current vs Gate Voltage
Figure 5. Gate Sinking Current vs Junction Temperature
Figure 6. Gate Output Voltage vs Input Supply Voltage
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS2400


Número de pieza similar - TPS2400DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2400DBVT TI-TPS2400DBVT Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
More results

Descripción similar - TPS2400DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com