Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3897PDRYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3897PDRYR
Descripción Electrónicos  Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3897PDRYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3897PDRYR Datasheet HTML 6Page - Texas Instruments TPS3897PDRYR Datasheet HTML 7Page - Texas Instruments TPS3897PDRYR Datasheet HTML 8Page - Texas Instruments TPS3897PDRYR Datasheet HTML 9Page - Texas Instruments TPS3897PDRYR Datasheet HTML 10Page - Texas Instruments TPS3897PDRYR Datasheet HTML 11Page - Texas Instruments TPS3897PDRYR Datasheet HTML 12Page - Texas Instruments TPS3897PDRYR Datasheet HTML 13Page - Texas Instruments TPS3897PDRYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
1
2
3
4
5
6
7
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC = 1.7 V
VCC = 3.3 V
VCC = 6.5 V
Output Source Current (mA)
G011
Time(50 s/div)
m
V
2V/div
ENABLE
V
2V/div
SENSE_OUT
C
=open
CT
0
100
200
300
400
500
600
−40 −25 −10
5
20
35
50
65
80
95
110 125
VCC = 1.7 V
VCC = 3.3 V
VCC = 6.5 V
Temperature (°C)
G009
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC = 1.7 V
VCC = 3.3 V
VCC = 6.5 V
Output Sink Current (mA)
G010
0
50
100
150
200
250
300
350
400
450
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VCC = 1.7 V
VCC = 3.3 V
VCC = 6.5 V
Output Source Current (mA)
G007
100
200
300
400
500
600
−40 −25 −10
5
20
35
50
65
80
95
110 125
VCC = 1.7 V
VCC = 3.3 V
VCC = 6.5 V
Temperature (°C)
G008
TPS389
SBVS172B – JULY 2011 – REVISED APRIL 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, and VCC = 3.3 V, unless otherwise noted.
Figure 11. Output Voltage High vs Output Current
Figure 12. Output Voltage Low at 1 mA vs Temperature
(0 mA to 1 mA)
Figure 13. Output Voltage High at 1 mA vs Temperature
Figure 14. Output Voltage Low vs Output Current
Figure 15. Output Voltage High vs Output Current
Figure 16. Enable Power On and Power Off Delay
(TPS3895A)
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS389


Número de pieza similar - TPS3897PDRYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3897PDRYR TI1-TPS3897PDRYR Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
More results

Descripción similar - TPS3897PDRYR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3895 TI1-TPS3895 Datasheet
749Kb / 21P
[Old version datasheet]   Single-Channel, Adjustable Supervisory Circuit in Ultra-Small Package
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
   Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
   Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra small package
2021. 11. 01 Revision No : 0
logo
Maxim Integrated Produc...
MAX6338 MAXIM-MAX6338 Datasheet
174Kb / 8P
   Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com