Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA3882C Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KA3882C
Descripción Electrónicos  SMPS Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3882C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA3882C Datasheet HTML 1Page - Fairchild Semiconductor KA3882C Datasheet HTML 2Page - Fairchild Semiconductor KA3882C Datasheet HTML 3Page - Fairchild Semiconductor KA3882C Datasheet HTML 4Page - Fairchild Semiconductor KA3882C Datasheet HTML 5Page - Fairchild Semiconductor KA3882C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA3882C/KA3883C
2
Absolute Maximum Ratings
Electrical Characteristics
(VCC = 15V, RT = 10k
Ω, CT = 3.3nF, TA = 0°C to +70°C ,Unless otherwise specified)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Output Current
IO
±1
A
Analog Inputs (pin 2, 3)
VI(ANA)
-0.3 to 6.3
V
Error Amp. Output Sink Current
ISINK(EA)
10
mA
Power Dissipation
PD
1W
Thermal Resistance, Junction-to-Air (Note4)
8-SOP
8-DIP
R
θja
280
95
°C/W
Storage Temperature
Tstg
-65 ~ 150
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
REFERENCE SECTION
Output Voltage
VREF
TJ = 25
°C, IO = 1mA
4.9
5.0
5.1
V
Line Regulation
∆VREF
VCC = 12V to 25V
-
6
20
mV
Load Regulation
∆VREF
IO = 1mA to 20mA
-
6
25
mV
Output Short Circuit
ISC
Ta = 25
°C
-
-100
-180
mA
OSILLATOR SECTION
Initial Accuracy
FOSC
TJ = 25
°C47
52
57
kHz
Voltage Stability
STV
VCC = 12V to 25V
-
0.2
1
%
Amplitude
VOSC
VPIN4, Peak to Peak
-
1.7
-
V
Discharge Current
IDISCHG
TJ = 25
°C, Pin4 = 2V
7.8
8.3
8.8
mA
CURRENT SENSE SECTION
Gain
GV
(Note2, 3)
2.85
3
3.15
V/V
Maximum Input Signal
VI(MAX)
VPIN1 = 5V(Note2)
0.9
1.0
1.1
V
PSRR
PSRR
VCC = 12V to 25V (Note1, 2)
-
70
-
dB
Input Bias Current
IBIAS
-
-
-2
-10
uA
Delay to Output
TD
VPIN3 = 0 V to 2V (Note1)
-
100
200
ns


Número de pieza similar - KA3882C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA3882C FAIRCHILD-KA3882C Datasheet
48Kb / 6P
   SMPS Controller
KA3882C FAIRCHILD-KA3882C Datasheet
48Kb / 6P
   SMPS Controller
KA3882CD FAIRCHILD-KA3882CD Datasheet
48Kb / 6P
   SMPS Controller
KA3882CDTF FAIRCHILD-KA3882CDTF Datasheet
48Kb / 6P
   SMPS Controller
More results

Descripción similar - KA3882C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com