Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2513 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2513
Descripción Electrónicos  USB Dedicated Charging Port Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2513 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2513 Datasheet HTML 1Page - Texas Instruments TPS2513 Datasheet HTML 2Page - Texas Instruments TPS2513 Datasheet HTML 3Page - Texas Instruments TPS2513 Datasheet HTML 4Page - Texas Instruments TPS2513 Datasheet HTML 5Page - Texas Instruments TPS2513 Datasheet HTML 6Page - Texas Instruments TPS2513 Datasheet HTML 7Page - Texas Instruments TPS2513 Datasheet HTML 8Page - Texas Instruments TPS2513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DRIVER
2.7V
VDM1
1.2V
S3
S2
S1
S4
Auto-detect
DP1
DM1
GND
N/C
N/C
IN
UVLO
TPS2514: VDM1 = 2 V
TPS2514A: VDM1 = 2.7 V
DRIVER
2.7V
VDM1
1.2V
S3
S2
S1
S4
Auto-detect
DP1
DM1
GND
2.7V
VDM2
1.2V
S7
S6
S5
S8
Auto-detect
DP2
DM2
IN
UVLO
TPS2513: VDM1 / VDM2= 2 V
TPS2513A: VDM1 / VDM2= 2.7 V
TPS2513, TPS2513A
TPS2514, TPS2514A
www.ti.com
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
FUNCTIONAL BLOCK DIAGRAM, TPS2513, TPS2513A
SPACER
FUNCTIONAL BLOCK DIAGRAM, TPS2514, TPS2514A
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A


Número de pieza similar - TPS2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Diodes Incorporated
TPS2513 DIODES-TPS2513 Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A TI1-TPS2513A Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Descripción similar - TPS2513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com