Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2514AQDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2514AQDBVRQ1
Descripción Electrónicos  USB Dedicated Charging Port Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2514AQDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2514AQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS2514AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DP1
DM1
IN
N/C
GND
N/C
1
2
3
4
5
6
DP1
DM1
IN
DM2
GND
DP2
1
2
3
4
5
6
TPS2513A-Q1, TPS2514A-Q1
www.ti.com
SLVSCC8A – MAY 2014 – REVISED DECEMBER 2014
6 Pin Configuration and Functions
TPS2513A-Q1
TPS2514A-Q1
DBV (SOT23-6)
DBV (SOT23-6)
(TOP VIEW)
(TOP VIEW)
Pin Functions, TPS2513A-Q1
NO.
NAME
TYPE(1)
DESCRIPTION
1
DP1
I/O
Connected to the D+ line of USB connector, provide the correct voltage with attached portable equipment for
DCP detection.
2
GND
G
Ground connection
3
DP2
I/O
Connected to the D+ line of USB connector, provide the correct voltage with attached portable equipment for
DCP detection.
4
DM2
I/O
Connected to the D– line of USB connector, provide the correct voltage with attached portable equipment for
DCP detection.
5
IN
P
Power supply. Connect a ceramic capacitor with a value of 0.1-
μF or greater from the IN pin to GND as close
to the device as possible.
6
DM1
I/O
Connected to the D– line of USB connector, provide the correct voltage with attached portable equipment for
DCP detection.
(1)
G = Ground, I = Input, O = Output, P = Power
Pin Functions, TPS2514A-Q1
NO.
NAME
TYPE(1)
DESCRIPTION
1
DP1
I/O
Connected to the D+ line of USB connector, provide the correct voltage with attached portable equipment for
DCP detection.
2
GND
G
Ground connection
3
N/C
No connect pin, can be grounded or left floating.
4
N/C
No connect pin, can be grounded or left floating
5
IN
P
Power supply. Connect a ceramic capacitor with a value of 0.1-
μF or greater from the IN pin to GND as close
to the device as possible.
6
DM1
I/O
Connected to the D– line of USB connector, provide the correct voltage with attached portable equipment for
DCP detection.
(1)
G = Ground, I = Input, O = Output, P = Power
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2513A-Q1 TPS2514A-Q1


Número de pieza similar - TPS2514AQDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
TPS2514A DIODES-TPS2514A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2514A TI1-TPS2514A Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514A-Q1 TI1-TPS2514A-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514ADBVR TI1-TPS2514ADBVR Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
TPS2514ADBVT TI1-TPS2514ADBVT Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Descripción similar - TPS2514AQDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com