Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2555 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2555
Descripción Electrónicos  Precision Adjustable Current-Limited, Power-Distribution Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2555 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2555 Datasheet HTML 1Page - Texas Instruments TPS2555 Datasheet HTML 2Page - Texas Instruments TPS2555 Datasheet HTML 3Page - Texas Instruments TPS2555 Datasheet HTML 4Page - Texas Instruments TPS2555 Datasheet HTML 5Page - Texas Instruments TPS2555 Datasheet HTML 6Page - Texas Instruments TPS2555 Datasheet HTML 7Page - Texas Instruments TPS2555 Datasheet HTML 8Page - Texas Instruments TPS2555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PAD
1
2
3
4
GND
5
IN
9
6
OUT
7
8
ILIM0
10
FAULT
TPS2554/TPS2555
DRC PACKAGE
(TOP VIEW)
ILIM_SEL
IN
OUT
ILIM1
EN/EN
8/9
4
7
6
2/3
10
5
1
IN
FAULT
EN/EN
OUT
ILIM_SEL
ILIM0
Power
PAD
GND
ILIM1
TPS2554/55
100 nF
RFAULT
4.5 V to 5.5 V
FAULT Signal
Power Switch
Enable
Current Limit
Select
2x RILIMx
120 mF
VBUS
TPS2554
TPS2555
www.ti.com
SLVSAM0
– JUNE 2011
Precision Adjustable Current-Limited, Power-Distribution Switches
Check for Samples: TPS2554, TPS2555
1
FEATURES
APPLICATIONS
2
Meets USB Current-Limiting Requirements
USB Ports/Hubs
Adjustable Current Limit, 500 mA to 2.5 A (typ)
Digital TV
Two Independently-Settable, Current-Limit
Set-Top Boxes
Thresholds
VOIP Phones
Fast Overcurrent Response - 1.5
μs (typ)
DESCRIPTION
73-m
Ω High-Side MOSFET
The TPS2554/55 power-distribution switches are
3.8-
μA Maximum Standby Supply Current
intended for applications where precision current
PowerPAD
™ Thermal Management
limiting is required or heavy capacitive loads and
Automatic Output Discharge when Disabled
short circuits are encountered. These devices offer a
Both High-Enable (TPS2554) and Low-Enable
programmable current-limit threshold between 500
(TPS2555) Versions Available
mA and 2.5 A (typ) via an external resistor.
TPS2554/55 devices limit the output current to a safe
level by switching into a constant-current mode when
the output load exceeds the current-limit threshold.
The
FAULT
logic
output
asserts
low
during
overcurrent and over-temperature conditions.
TPS2554/55 DRC Package and Typical Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS2555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2555DRCR TI1-TPS2555DRCR Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2555DRCT TI1-TPS2555DRCT Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results

Descripción similar - TPS2555

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com