Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACS780 Datasheet(PDF) 11 Page - Allegro MicroSystems

No. de pieza ACS780
Descripción Electrónicos  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ACS780 Datasheet HTML 7Page - Allegro MicroSystems ACS780 Datasheet HTML 8Page - Allegro MicroSystems ACS780 Datasheet HTML 9Page - Allegro MicroSystems ACS780 Datasheet HTML 10Page - Allegro MicroSystems ACS780 Datasheet HTML 11Page - Allegro MicroSystems ACS780 Datasheet HTML 12Page - Allegro MicroSystems ACS780 Datasheet HTML 13Page - Allegro MicroSystems ACS780 Datasheet HTML 14Page - Allegro MicroSystems ACS780 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X150U PERFORMANCE CHARACTERISTICS1: TOP = –40°C to 125°C, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
Transient
0
150
A
Continuous
0
100
A
Sensitivity2
SensTA
Measured using 25% of full scale IP, TA = 25°C
25.8
26.66
27.53
mV/A
Sens(TOP)HT Measured using 25% of full scale IP, TOP = 25°C to 125°C
25.79
26.66
27.53
mV/A
Sens(TOP)LT Measured using 25% of full scale IP, TOP = –40°C to 25°C
25.66
26.66
27.66
mV/A
Noise4
VNOISEPP
Peak-to-peak, TA= 25°C, 1 nF on VOUT pin to GND
24
mV
INOISE
Input referred
0.4
mARMS
/
√(Hz)
Nonlinearity
ELIN
Measured at VOUT around 3.5 V and 4.5 V
–1
1
%
Electrical Offset Voltage5,6
VOE(TA)
IP = 0 A, TA = 25°C
–10
±3
10
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 125°C
–10
±5
10
mV
VOE(TOP)LT
IP = 0 A, TOP = –40°C to 25°C
–20
±10
20
mV
Electric Offset Voltage Over
Lifetime3
ΔVOE(LIFE)
TOP = –40°C to 125°C, estimated shift after AEC-Q100 grade 0
qualification testing
±1
mV
Total Output Error
ETOT(HT)
Measured using 25% of full scale IP, TOP = 25°C to 125°C
–3.25
±0.8
3.25
%
ETOT(LT)
Measured using 25% of full scale IP, TOP = –40°C to 25°C
–3.75
±1.5
3.75
%
Total Output Error Including
Lifetime Drift7
ETOT(HT,LIFE) Measured using 25% of full scale IP, TOP = 25°C to 125°C
–4.1
±2.28
4.1
%
ETOT(LT,LIFE) Measured using 25% of full scale IP, TOP = –40°C to 25°C
–5.6
±2.98
5.6
%
1
See Characteristic Performance Data page for parameter distributions over temperature range.
2
This parameter may drift a maximum of ΔSensLIFE over lifetime.
3
Based on characterization data obtained during standardized stress test for Qualification of Integrated Circuits, including Package Hysteresis. Cannot
be guaranteed. Drift is a function of customer application conditions. Please contact Allegro MicroSystems for further information.
4
±3 sigma noise voltage.
5
Drift is referred to ideal VOUT(QU) = 0.5 V.
6
This parameter may drift a maximum of ΔVOE(LIFE) over lifetime.
7
The maximum drift of any single device during qualification testing was 4%.


Número de pieza similar - ACS780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
ACS780KLRTR-150B-T ALLEGRO-ACS780KLRTR-150B-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780KLRTR-150U-T ALLEGRO-ACS780KLRTR-150U-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-050B-T ALLEGRO-ACS780LLRTR-050B-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-050U-T ALLEGRO-ACS780LLRTR-050U-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-100B-T ALLEGRO-ACS780LLRTR-100B-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
More results

Descripción similar - ACS780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
   High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS72981XLR ALLEGRO-ACS72981XLR_V01 Datasheet
3Mb / 54P
   High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 μΩ Current Conductor
Rev. 9 September 24, 2020
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS72981 ALLEGRO-ACS72981 Datasheet
3Mb / 54P
   Current Sensor IC with 200 關廓 Current Conductor
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com