Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACS780 Datasheet(PDF) 15 Page - Allegro MicroSystems

No. de pieza ACS780
Descripción Electrónicos  High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ACS780 Datasheet HTML 11Page - Allegro MicroSystems ACS780 Datasheet HTML 12Page - Allegro MicroSystems ACS780 Datasheet HTML 13Page - Allegro MicroSystems ACS780 Datasheet HTML 14Page - Allegro MicroSystems ACS780 Datasheet HTML 15Page - Allegro MicroSystems ACS780 Datasheet HTML 16Page - Allegro MicroSystems ACS780 Datasheet HTML 17Page - Allegro MicroSystems ACS780 Datasheet HTML 18Page - Allegro MicroSystems ACS780 Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
15
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Definitions of Accuracy Characteristics
CHARACTERISTIC DEFINITIONS
SENSITIVITY (Sens)
The change in device output in response to a 1 A change through
the primary conductor. The sensitivity is the product of the mag-
neticcircuitsensitivity(G/A)andthelinearICamplifiergain
(mV/G).ThelinearICamplifiergainisprogrammedatthefactory
to optimize the sensitivity (mV/A) for the half-scale current of the
device.
NOISE (VNOISE)
The noise floor is derived from the thermal and shot noise
observed in Hall elements. Dividing the noise (mV) by the sensi-
tivity (mV/A) provides the smallest current that the device is able
to resolve.
NONLINEARITY (ELIN)
The ACS770 is designed to provide a linear output in response
toarampingcurrent.Considertwocurrentlevels:I1andI2.Ide-
ally, the sensitivity of a device is the same for both currents, for
a given supply voltage and temperature. Nonlinearity is present
when there is a difference between the sensitivities measured at
I1 and I2. Nonlinearity is calculated separately for the positive
(ELINpos)andnegative(ELINneg)appliedcurrentsasfollows:
ELINpos = 100 (%) × {1 – (SensIPOS2/ SensIPOS1) }
ELINneg = 100 (%) × {1 – (SensINEG2/ SensINEG1)}
where:
SensIx = (VIOUT(Ix) – VIOUT(Q))/ Ix
and IPOSx and INEGx are positive and negative currents.
Then:
ELIN=max(ELINpos,ELINneg )
RATIOMETRY
The device features a ratiometric output. This means that the
quiescent voltage output, VOUTQ, and the magnetic sensitivity,
Sens, are proportional to the supply voltage, VCC.The ratiometric
change(%)inthequiescentvoltageoutputisdefinedas:
VCC 5 V
VOUT(Q)(VCC) VOUT(Q)(5V)
RatERRVOUT(Q) =
× 100
%
1 –
( )
andtheratiometricchange(%)insensitivityisdefinedas:
VCC 5 V
Sens(VCC) Sens(5V)
RatERRSens =
× 100
%
1 –
( )
QUIESCENT OUTPUT VOLTAGE (VOUT(Q))
Theoutputofthedevicewhentheprimarycurrentiszero.For
bidirectional sensors, it nominally remains at VCC⁄2andforuni-
directional sensors at 0.1 × VCC. Thus, VCC = 5 V translates into
VOUT(BI) = 2.5 V and VOUT(QU) = 0.5 V. Variation in VOUT(Q)can
be attributed to the resolution of the Allegro linear IC quiescent
voltage trim and thermal drift.
ELECTRICAL OFFSET VOLTAGE (VOE)
The deviation of the device output from its ideal quiescent value
due to nonmagnetic causes.
TOTAL OUTPUT ERROR (ETOT)
The maximum deviation of the actual output from its ideal value,
also referred to as accuracy, illustrated graphically in the output
voltage versus current chart on the following page.
ETOTisdividedintofourareas:
• 0 A at 25°C. Accuracy at the zero current flow at 25°C,
without the effects of temperature.
• 0 A over Δ temperature. Accuracy at the zero current flow
including temperature effects.
• Full-scale current at 25°C. Accuracy at the full-scale current at
25°C, without the effects of temperature.
• Full-scale current over Δ temperature. Accuracy at the full-
scale current flow including temperature effects.
=
× 100 (%)
ETOT(IP)
VIOUT(IP) – VIOUT_IDEAL(IP)
SensIDEAL × IP
where
VIOUT_IDEAL(IP) = VIOUT(Q)+ (SensIDEAL × IP )


Número de pieza similar - ACS780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
ACS780KLRTR-150B-T ALLEGRO-ACS780KLRTR-150B-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780KLRTR-150U-T ALLEGRO-ACS780KLRTR-150U-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-050B-T ALLEGRO-ACS780LLRTR-050B-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-050U-T ALLEGRO-ACS780LLRTR-050U-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
ACS780LLRTR-100B-T ALLEGRO-ACS780LLRTR-100B-T Datasheet
1Mb / 24P
   Core-less, micro-sized, 100 A continuous current package
More results

Descripción similar - ACS780

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
ACS72981XLR ALLEGRO-ACS72981XLR Datasheet
3Mb / 45P
   High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 關廓 Current Conductor
ACS781 ALLEGRO-ACS781 Datasheet
1Mb / 22P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
ACS72981XLR ALLEGRO-ACS72981XLR_V01 Datasheet
3Mb / 54P
   High-Precision Linear Hall-Effect-Based Current Sensor IC with 200 μΩ Current Conductor
Rev. 9 September 24, 2020
ACS770 ALLEGRO-ACS770 Datasheet
1Mb / 29P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758 ALLEGRO-ACS758_16 Datasheet
1Mb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS758XCB ALLEGRO-ACS758XCB Datasheet
594Kb / 16P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 關廓 Current Conductor
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS72981 ALLEGRO-ACS72981 Datasheet
3Mb / 54P
   Current Sensor IC with 200 關廓 Current Conductor
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS758 ALLEGRO-ACS758_13 Datasheet
737Kb / 22P
   Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com