Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BY296 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

No. de pieza BY296
Descripción Electrónicos  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DSK [Diode Semiconductor Korea]
Página de inicio  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BY296 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BY296 Datasheet HTML 1Page - Diode Semiconductor Korea BY296 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
4
10
20
40
60
100
TJ=25
f=1MHz
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8
100
40
60 80
10
20
30
40
50
60
70
80
25
0
0
50
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.5
1.0
1.5
2.0
2.5
100
75
125
175
150
0.6
TJ=25
Pulse Width=300
µS
0.04
0.01
0.02
0.06
0.1
0.2
0.4
10
2
1.0
4
100
0.8
1.0
1.2
1.4
2.0
1.6
1.8
REVERSE VOLTAGE,VOLTS
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.2 -- MAXIMUM NON-REPETITIVE SURGE CURRENT
BY296(Z)---BY299S(Z)
AMBIENT TEMPERATURE,
I,LEAD LENGTH(mm)
FIG.3 -- TYPICAL JUNCTION CAPACITANCE
FIG.4 -- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.diode.kr
Diode Semiconductor Korea


Número de pieza similar - BY296

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
62Kb / 2P
   SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Diotec Semiconductor
BY296 DIOTEC-BY296 Datasheet
133Kb / 2P
   Fast Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
BY296 BILIN-BY296 Datasheet
56Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
66Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY296 JGD-BY296 Datasheet
141Kb / 2P
   2.0 AMPS. FAST RECOVRY RECTIFIERS
More results

Descripción similar - BY296

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Changzhou Shunye Electr...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com