Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2660 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2660
Descripción Electrónicos  TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2660 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2660 Datasheet HTML 2Page - Texas Instruments TPS2660 Datasheet HTML 3Page - Texas Instruments TPS2660 Datasheet HTML 4Page - Texas Instruments TPS2660 Datasheet HTML 5Page - Texas Instruments TPS2660 Datasheet HTML 6Page - Texas Instruments TPS2660 Datasheet HTML 7Page - Texas Instruments TPS2660 Datasheet HTML 8Page - Texas Instruments TPS2660 Datasheet HTML 9Page - Texas Instruments TPS2660 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
TPS2660
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS2660
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
–40°C
≤ TA = TJ ≤ +125°C, V(IN) = 24 V, V(SHDN) = 2 V, R(ILIM) = 120 kΩ, IMON = FLT = OPEN, C(OUT) = 1 μF, C(dVdT) = OPEN.
(All voltages referenced to GND, (unless otherwise noted))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
V(IN)
Operating input voltage
4.2
55
V
V(PORR)
Internal POR threshold, rising
3.9
4
4.1
V
V(PORHys)
Internal POR hysteresis
250
275
300
mV
IQ(ON)
Supply current
Enabled: V(SHDN) = 2 V
190
300
390
µA
IQ(OFF)
V(SHDN) = 0 V
11
20
33
µA
I(VINR)
Reverse input supply current
V(IN) = –60 V, V(OUT) = 0 V
52
µA
V(OVC)
Over voltage clamp
V(IN) > 42 V, TPS26602 only
36
37.5
40
V
UNDERVOLTAGE LOCKOUT (UVLO) INPUT
V(IN_UVLO)
Factory set V(IN) undervoltage
trip level
V(IN) rising, V(UVLO) = 0 V
14.25
14.9
15.75
V
V(IN) falling, V(UVLO) = 0 V
13.25
13.8
14.75
V(SEL_UVLO)
Internal UVLO select threshold
180
200
240
mV
V(UVLOR)
UVLO threshold voltage, rising
1.175
1.19
1.225
V
V(UVLOF)
UVLO threshold voltage, falling
1.095
1.1
1.125
V
I(UVLO)
UVLO Input leakage current
0 V
≤ V(UVLO) ≤ 60 V
–100
0
100
nA
LOW IQ SHUTDOWN (SHDN) INPUT
V(SHDN)
Output voltage
I(SHDN) = 0.1 µA
2
2.7
3.4
V
V(SHUTF)
SHDN threshold voltage for
low IQ shutdown, falling
0.55
0.76
0.94
V
I(SHDN)
Leakage current
V(SHDN) = 0.4 V
–10
µA
OVER VOLTAGE PROTECTION (OVP) INPUT
V(IN_OVP)
Factory set V(IN) over voltage
trip level
V(IN) rising, V(OVP) = 0 V
31
32.6
34
V
V(IN) falling, V(OVP) = 0 V
28.5
30.3
31.5
V(SEL_OVP)
Internal OVP select threshold
180
200
240
mV
V(OVPR)
Over-voltage threshold
voltage, rising
1.175
1.19
1.225
V
V(OVPF)
Over-voltage threshold, falling
1.095
1.1
1.125
V
I(OVP)
OVP input leakage current
0 V
≤ V(OVP) ≤ 4 V
–100
0
100
nA
OUTPUT RAMP CONTROL (dVdT)
I(dVdT)
dVdT charging current
V(dVdT) = 0 V
4
4.7
5.5
µA
R(dVdT)
dVdT discharging resistance
V(SHDN) = 0 V, with I(dVdT) = 10 mA
sinking
14
Ω
GAIN(dVdT)
dVdT to OUT gain
V(OUT) /V(dVdT)
23.75
24.6
25.5
V/V
CURRENT LIMIT PROGRAMMING (ILIM)
V(ILIM)
ILIM bias voltage
1
V
I(OL)
Overload current limit
R(ILIM) = 120 kΩ, V(IN) – V(OUT) = 1 V
0.085
0.1
0.115
A
R(ILIM) = 12 kΩ, V(IN) – V(OUT) = 1 V
0.95
1
1.05
R(ILIM) = 8 kΩ, V(IN) – V(OUT) = 1 V
1.425
1.5
1.575
R(ILIM) = 5.36 kΩ, V(IN) – V(OUT) = 1 V
2.11
2.23
2.35
I(OL_R-OPEN)
R(ILIM) = OPEN, Open resistor current
limit (single point failure test:
UL60950)
0.055
I(OL_R-SHORT)
R(ILIM) = SHORT, Shorted resistor
current limit (single point failure test:
UL60950)
0.095
I(CB)
Circuit breaker detection
threshold
R(ILIM) = 120 kΩ, MODE = open
0.045
0.073
0.11
A
R(ILIM) = 5.36 kΩ, MODE = open
2
2.21
2.4


Número de pieza similar - TPS2660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600 TI1-TPS26600 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600PWPR TI1-TPS26600PWPR Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600PWPT TI1-TPS26600PWPT Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26600RHFR TI1-TPS26600RHFR Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Descripción similar - TPS2660

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com