Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS26601 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TPS26601
Descripción Electrónicos  TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS26601 Datasheet(HTML) 4 Page - Texas Instruments

  TPS26601 Datasheet HTML 1Page - Texas Instruments TPS26601 Datasheet HTML 2Page - Texas Instruments TPS26601 Datasheet HTML 3Page - Texas Instruments TPS26601 Datasheet HTML 4Page - Texas Instruments TPS26601 Datasheet HTML 5Page - Texas Instruments TPS26601 Datasheet HTML 6Page - Texas Instruments TPS26601 Datasheet HTML 7Page - Texas Instruments TPS26601 Datasheet HTML 8Page - Texas Instruments TPS26601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
TPS2660
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS2660
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
TPS26600/1/2
HTSSOP
VQFN
PowerPadTM
PowerPad must be connected to RTN plane on PCB using multiple vias for
enhanced thermal performance. Do not use PowerPad as the only electrical
connection to RTN
RTN
8
15
Reference for device internal control circuits
SHDN
7
14
I
Shutdown Pin. Pulling SHDN low makes the device to enter into low power
shutdown mode. Cycling SHDN pin voltage resets the device that has latched
off due to a fault condition
UVLO
3
10
I
Input for setting the programmable undervoltage lockout threshold. An
undervoltage event turns-off the internal FET and asserts FLT to indicate the
power-failure. Connect UVLO pin to RTN pin to select the internal default
threshold


Número de pieza similar - TPS26601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS26601 TI1-TPS26601 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26601RHFR TI1-TPS26601RHFR Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS26601RHFT TI1-TPS26601RHFT Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Descripción similar - TPS26601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2660 TI1-TPS2660_17 Datasheet
3Mb / 49P
[Old version datasheet]   60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com