Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2835 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2835
Descripción Electrónicos  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2835 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2835 Datasheet HTML 3Page - Texas Instruments TPS2835 Datasheet HTML 4Page - Texas Instruments TPS2835 Datasheet HTML 5Page - Texas Instruments TPS2835 Datasheet HTML 6Page - Texas Instruments TPS2835 Datasheet HTML 7Page - Texas Instruments TPS2835 Datasheet HTML 8Page - Texas Instruments TPS2835 Datasheet HTML 9Page - Texas Instruments TPS2835 Datasheet HTML 10Page - Texas Instruments TPS2835 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
10
46
8
10
15
RISE TIME
vs
SUPPLY VOLTAGE
50
13
VCC − Supply Voltage − V
35
40
45
20
25
30
57
9
11
12
Low Side
High Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 2
FALL TIME
vs
SUPPLY VOLTAGE
10
46
8
10
15
50
13
VCC − Supply Voltage − V
35
40
45
20
25
30
57
9
11
12
Low Side
High Side
CL = 3.3 nF
TJ = 25°C
15
14
Figure 3
RISE TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
10
0
50
100
15
50
125
35
40
45
20
25
30
25
75
−50
−25
VCC = 6.5 V
CL = 3.3 nF
Low Side
High Side
Figure 4
FALL TIME
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
10
0
50
100
15
50
125
35
40
45
20
25
30
25
75
Low Side
High Side
VCC = 6.5 V
CL = 3.3 nF
−50
−25


Número de pieza similar - TPS2835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2835 TI-TPS2835 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2835 TI1-TPS2835 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835 TI1-TPS2835 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2835 TI1-TPS2835 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2835D TI-TPS2835D Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
More results

Descripción similar - TPS2835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com