Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2832 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2832
Descripción Electrónicos  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2832 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2832 Datasheet HTML 1Page - Texas Instruments TPS2832 Datasheet HTML 2Page - Texas Instruments TPS2832 Datasheet HTML 3Page - Texas Instruments TPS2832 Datasheet HTML 4Page - Texas Instruments TPS2832 Datasheet HTML 5Page - Texas Instruments TPS2832 Datasheet HTML 6Page - Texas Instruments TPS2832 Datasheet HTML 7Page - Texas Instruments TPS2832 Datasheet HTML 8Page - Texas Instruments TPS2832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPS2832, TPS2833
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS195C − FEBRUARY 1999 − REVISED JANUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Floating Bootstrap or Ground-Reference
High-Side Driver
D Adaptive Dead-Time Control
D 50-ns Max Rise/Fall Times and 100-ns Max
Propagation Delay − 3.3-nF Load
D Ideal for High-Current Single or Multiphase
Power Supplies
D 2.4-A Typical Peak Output Current
D 4.5-V to 15-V Supply Voltage Range
D Internal Schottky Bootstrap Diode
D Low Supply Current....3-mA Typical
D −40°C to 125°C Operating Virtual Junction
Temperature
D Available in SOIC Package
description
The TPS2832 and TPS2833 are MOSFET drivers for synchronous-buck power stages. These devices are ideal
for designing a high-performance power supply using switching controllers that do not have MOSFET drivers.
The drivers are designed to deliver 2.4-A peak currents into large capacitive loads. The high-side driver can be
configured as a ground-reference driver or as a floating bootstrap driver. An adaptive dead-time control circuit
eliminates shoot-through currents through the main power FETs during switching transitions and provides high
efficiency for the buck regulator.
The TPS2832 has a noninverting input. The TPS2833 has an inverting input. The TPS2832/33 drivers, available
in 8-terminal SOIC packages, operate over a junction temperature range of − 40
°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TJ
SOIC
(D)
−40
°C to 125°C
TPS2832D
TPS2833D
The D package is available taped and reeled. Add R
suffix to device type (e.g., TPS2832DR)
Related Synchronous MOSFET Drivers
DEVICE NAME
ADDITIONAL FEATURES
INPUTS
TPS2830
ENABLE, SYNC and CROWBAR
CMOS
Noninverted
TPS2831
ENABLE, SYNC and CROWBAR
CMOS
Inverted
TPS2834
ENABLE, SYNC and CROWBAR
TTL
Noninverted
TPS2835
ENABLE, SYNC and CROWBAR
TTL
Inverted
TPS2836
W/O ENABLE, SYNC and CROWBAR
TTL
Noninverted
TPS2837
W/O ENABLE, SYNC and CROWBAR
TTL
Inverted
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
IN
PGND
DT
VCC
BOOT
HIGHDR
BOOTLO
LOWDR


Número de pieza similar - TPS2832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2832 TI1-TPS2832 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2832D TI-TPS2832D Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results

Descripción similar - TPS2832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com