Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3307-18MDREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3307-18MDREP
Descripción Electrónicos  TRIPLE PROCESSOR SUPERVISORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3307-18MDREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3307-18MDREP Datasheet HTML 3Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 4Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 5Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 6Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 7Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 8Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 9Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 10Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TPS330718EP, TPS330733EP
TRIPLE PROCESSOR SUPERVISORS
SGLS140A − NOVEMBER 2002 − REVISED AUGUST 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
1
0.999
0.997
0.995
−40
−15
10
35
1.002
1.003
NORMALIZED SENSE THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE AT VDD
1.005
60
85
VDD = 2 V
MR = Open
1.004
1.001
0.998
0.996
TA − Free-Air Temperature − °C
Figure 3
4
0
−6
−10
−0.5 0 0.5 1
2.5 3 3.5
8
14
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
18
4
567
16
12
10
6
2
−2
−4
−8
1.5 2
4.5
5.5
6.5
VDD − Supply Voltage − V
SENSEn = VDD
MR = Open
TA = 25°C
TPS3307−33
Figure 4
−400
−500
−700
−900
−1 −0.5 0
1 1.5
2.5 3
−200
−100
INPUT CURRENT
vs
INPUT VOLTAGE AT MR
100
3.5 4
5.5
6.5
0
−300
−600
−800
0.5
2
4.5 56
VI − Input Voltage at MR − V
VDD = 6 V
TA = 25°C
Figure 5
5
4
2
0
0
100 200 300 400 500 600
7
9
MINIMUM PULSE DURATION AT SENSE
vs
THRESHOLD OVERDRIVE
10
700 800 900 1000
8
6
3
1
SENSE − Threshold Overdrive − mV
VDD = 6 V
MR = Open


Número de pieza similar - TPS3307-18MDREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3307-18MDREP TI-TPS3307-18MDREP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Descripción similar - TPS3307-18MDREP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com