Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3780AQDBVRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3780AQDBVRQ1
Descripción Electrónicos  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780AQDBVRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3780AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS3780AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VIT- Accuracy (%)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
Output Sink Current (mA)
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
VIT+ Accuracy (%)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 5.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 5.5 V
Supply Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 105°C
TJ = 125°C
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.4
-0.32
-0.24
-0.16
-0.08
0
0.08
0.16
0.24
0.32
0.4
Sense 1 VDD = 1.5 V
Sense 1 VDD = 5.5 V
Sense 2 VDD = 1.5 V
Sense 2 VDD = 5.5 V
7
TPS3779-Q1, TPS3780-Q1
www.ti.com
SBVS273 – JUNE 2016
Product Folder Links: TPS3779-Q1 TPS3780-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
at TJ = 25°C with a 0.1-µF capacitor close to VDD (unless otherwise noted)
SENSE1 = SENSE2 = 1.5 V
Figure 2. Supply Current vs Supply Voltage
Figure 3. Sense Threshold (VIT+) Deviation vs Temperature
Figure 4. Sense Threshold (VIT–) Deviation vs Temperature
VDD = 5.5 V
Figure 5. Sense Threshold (VIT+)
VDD = 5.5 V
Figure 6. Sense Threshold (VIT–)
Figure 7. Output Voltage Low vs Output Current
(VDD = 1.5 V)


Número de pieza similar - TPS3780AQDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3780ADBVR TI1-TPS3780ADBVR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADBVT TI1-TPS3780ADBVT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADRYR TI-TPS3780ADRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3780ADRYR TI1-TPS3780ADRYR Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
TPS3780ADRYT TI-TPS3780ADRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Descripción similar - TPS3780AQDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com