Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3779DDBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3779DDBVR
Descripción Electrónicos  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3779DDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS3779DDBVR Datasheet HTML 18Page - Texas Instruments TPS3779DDBVR Datasheet HTML 19Page - Texas Instruments TPS3779DDBVR Datasheet HTML 20Page - Texas Instruments TPS3779DDBVR Datasheet HTML 21Page - Texas Instruments TPS3779DDBVR Datasheet HTML 22Page - Texas Instruments TPS3779DDBVR Datasheet HTML 23Page - Texas Instruments TPS3779DDBVR Datasheet HTML 24Page - Texas Instruments TPS3779DDBVR Datasheet HTML 25Page - Texas Instruments TPS3779DDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS3780ADRYR
SON
DRY
6
5000
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
TPS3780ADRYT
SON
DRY
6
250
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
TPS3780BDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3780BDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3780BDRYR
SON
DRY
6
5000
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
TPS3780BDRYT
SON
DRY
6
250
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
TPS3780CDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3780CDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3780CDRYR
SON
DRY
6
5000
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
TPS3780CDRYT
SON
DRY
6
250
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
TPS3780DDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3780DDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TPS3780DDRYR
SON
DRY
6
5000
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
TPS3780DDRYT
SON
DRY
6
250
180.0
8.4
1.25
1.6
0.7
4.0
8.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS3779ADBVR
SOT-23
DBV
6
3000
180.0
180.0
18.0
TPS3779ADBVT
SOT-23
DBV
6
250
180.0
180.0
18.0
TPS3779ADRYR
SON
DRY
6
5000
202.0
201.0
28.0
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Jun-2015
Pack Materials-Page 2


Número de pieza similar - TPS3779DDBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3779DDRYR TI-TPS3779DDRYR Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
TPS3779DDRYT TI-TPS3779DDRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Descripción similar - TPS3779DDBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com