Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3780ADRYT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3780ADRYT
Descripción Electrónicos  Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3780ADRYT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3780ADRYT Datasheet HTML 7Page - Texas Instruments TPS3780ADRYT Datasheet HTML 8Page - Texas Instruments TPS3780ADRYT Datasheet HTML 9Page - Texas Instruments TPS3780ADRYT Datasheet HTML 10Page - Texas Instruments TPS3780ADRYT Datasheet HTML 11Page - Texas Instruments TPS3780ADRYT Datasheet HTML 12Page - Texas Instruments TPS3780ADRYT Datasheet HTML 13Page - Texas Instruments TPS3780ADRYT Datasheet HTML 14Page - Texas Instruments TPS3780ADRYT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS3779, TPS3780
www.ti.com
SBVS250 – APRIL 2015
8.3 Feature Description
8.3.1 Inputs (SENSE1, SENSE2)
The TPS3779 and TPS3780 have two comparators for voltage detection. Each comparator has one external
input; the other input is connected to the internal reference. The comparator rising threshold is designed and
trimmed to be equal to VIT+ and the falling threshold is trimmed to be equal to VIT–. The built-in falling hysteresis
options make the devices immune to supply rail noise and ensure stable operation.
The comparator inputs can swing from ground to 6.5 V, regardless of the device supply voltage used. Although
not required in most cases, for extremely noisy applications, good analog design practice is to place a 1-nF to
10-nF bypass capacitor at the comparator input in order to reduce sensitivity to transients and layout parasitic.
For each SENSE input, the corresponding output (OUTx) is driven to logic low when the input voltage drops
below VIT–. When the voltage exceeds VIT+, the output (OUTx) is driven high; see Figure 1.
8.3.2 Outputs (OUT1, OUT2)
In a typical device application, the outputs are connected to a reset or enable input of another device, such as a
digital signal processor (DSP), central processing unit (CPU), field-programmable gate array (FPGA), or
application-specific integrated circuit (ASIC); or the outputs are connected to the enable input of a voltage
regulator, such as a dc-dc or low-dropout (LDO) regulator.
The TPS3779 provides two push-pull outputs. The logic high level of the outputs is determined by the VDD pin
voltage. With this configuration pull-up resistors are not required, thus saving board space. However, all interface
logic levels must be examined. All OUT connections must be compatible with the VDD pin logic level.
The TPS3780 provides two open-drain outputs (OUT1 and OUT2); pull-up resistors must be used to hold these
lines high when the output goes to a high-impedance condition (not asserted). By connecting pull-up resistors to
the proper voltage rails, the outputs can be connected to other devices at correct interface voltage levels. The
outputs can be pulled up to 6.5 V, independent of the device supply voltage. To ensure proper voltage levels,
make sure to choose the correct pull-up resistor values. The pull-up resistor value is determined by VOL, the sink
current capability, and the output leakage current (Ilkg(OD)). These values are specified in the Electrical
Characteristics table. By using wired-AND logic, OUT1 and OUT2 can be combined into one logic signal. The
Inputs (SENSE1, SENSE2) section describes how the outputs are asserted or deasserted. See Figure 1 for a
description of the relationship between threshold voltages and the respective output.
8.4 Device Functional Modes
8.4.1 Normal Operation (VDD
≥ VDD(min))
When the voltage on VDD is greater than VDD(min) for tSD, the output signals react to the present state of the
corresponding SENSE pins.
8.4.2 Power-On Reset (VDD < V(POR))
When the voltage on VDD is lower than the required voltage to internally pull the logic low output to GND
(V(POR)), both outputs are undefined and are not to be relied upon for proper system function.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS3779 TPS3780


Número de pieza similar - TPS3780ADRYT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3780ADRYT TI-TPS3780ADRYT Datasheet
859Kb / 17P
[Old version datasheet]   Low-Power, Dual-Voltage Detector in Small SON Package
More results

Descripción similar - TPS3780ADRYT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com