Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3813I50QDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3813I50QDBVRQ1
Descripción Electrónicos  Processor Supervisory Circuits With Window-Watchdog
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3813I50QDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3813I50QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3813I50QDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Threshold Overdrive Voltage (V)
14
12
10
8
0
0.2
0.4
0.6
16
18
20
0.8
1
1.4
6
4
2
0
1.2
Input Voltage at WDT (V)
400
200
0
−200
0
1
2
3
600
800
1000
4
5
6
0°C
85°C
−40°C
25°C
−400
−600
−800
−1000
Free-Air Temperature At V
°C)
DD (
0.998
0.997
0.996
0.995
−40
−20
0
20
0.999
1.000
1.001
40
60
80
Low-Level Output Current (mA)
1.25
1
0.75
0.50
0
1
2
3
1.50
1.75
2
4
5
7
0°C
85°C
−40°C
25°C
0.25
0
6
Supply Voltage (V)
14
12
10
8
0
1
2
3
16
18
20
4
6
6
4
2
0
5
0°C
85°C
−40°C
25°C
TPS3813K33-Q1, TPS3813I50-Q1
SPRS288D – MAY 2008 – REVISED JUNE 2015
www.ti.com
6.8 Typical Characteristics
WDI = GND
WDT = GND
WDR = GND
WDI = GND
WDT = GND
WDR = GND
VDD = 2 V
Figure 1. Supply Current vs Supply Voltage
Figure 2. Low-Level Output Voltage vs Low-Level Output
Current
WDI = GND
WDR = GND
VDD = 6 V
WDI = Triggered
WDT = GND
WDR = GND
Figure 3. Input Current vs Input Voltage at WDT
Figure 4. Normalized Input Threshold Voltage vs Free-Air
Temperature at VDD
Figure 5. Minimum Pulse Duration At VDD vs VDD Threshold Overdrive Voltage
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS3813K33-Q1 TPS3813I50-Q1


Número de pieza similar - TPS3813I50QDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3813I50QDBVRQ1 TI1-TPS3813I50QDBVRQ1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results

Descripción similar - TPS3813I50QDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com