Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS23841PAPG4 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS23841PAPG4
Descripción Electrónicos  HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS23841PAPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS23841PAPG4 Datasheet HTML 2Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 3Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 4Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 5Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 6Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 7Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 8Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 9Page - Texas Instruments TPS23841PAPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
www.ti.com
TPS23841
SLUS745A – NOVEMBER 2006 – REVISED MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
V48 = 48 V, R
T = 124 kΩ, CT = 220 pF, CINT = 0.027 µF (low leakage), –40°C to 125°C and TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital I2C DC Specifications
SCL, SDA_I, A1–A5 ,WD_DIS,
ALTA/B, MS, PORB logic input
1.5
V
threshold
SCL, SDA_I input hysteresis
250
mV
MS, PORB input hysteresis
150
WD_DIS, ALTA/B, MS, PORB input
Input voltage 0.5 to 3 V
50
k
pulldown resistance
A1–A5 pull-down current
10
µA
SDA_O logic high leakage
Drain = 5 V
100
nA
SDA_O logic low
ISINK = 10 mA
200
mV
INTB logic high leakage
Drain = 6 V
10
µA
INTB logic low
ISINK = 10 mA
200
mV
Digital I2C Timing
SCL clock frequency
0
400
kHz
SCL high
0.6
Pulse duration
SCL low
1.3
Rise time, SCL to SDA
0.300
Fall time, SCL to SDA
0.300
Setup time, SDA to SCL
0.250
µs
Hold time, SCL to SDA
0.300
0.900
Bus free time between start and stop
1.3
Setup time, SCL to start condition
0.6
Hold time, start condition to SCL
0.6
Setup time, SCL to stop condition
0.6
6
Submit Documentation Feedback


Número de pieza similar - TPS23841PAPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS23841PAP TI-TPS23841PAP Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Descripción similar - TPS23841PAPG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841_07 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS2384 TI1-TPS2384_13 Datasheet
1Mb / 51P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
   4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
Texas Instruments
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
logo
Infineon Technologies A...
IRFHM3911TRPBF INFINEON-IRFHM3911TRPBF Datasheet
583Kb / 10P
   POE Power Sourcing Equipment Switch
2016-2-23
logo
Silver Telecom 2019
AG6100 SILVERTEL-AG6100 Datasheet
571Kb / 13P
   POE Power-Sourcing-Equipment Module
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
   Octal Power Sourcing Equipment Controller
October 5, 2018
logo
Silver Telecom 2019
AG6400 SILVERTEL-AG6400 Datasheet
769Kb / 40P
   POE Power-Sourcing-Equipment Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com