Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3707-50DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3707-50DR
Descripción Electrónicos  Processor Supervisory Circuits With Power-Fail
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3707-50DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3707-50DR Datasheet HTML 2Page - Texas Instruments TPS3707-50DR Datasheet HTML 3Page - Texas Instruments TPS3707-50DR Datasheet HTML 4Page - Texas Instruments TPS3707-50DR Datasheet HTML 5Page - Texas Instruments TPS3707-50DR Datasheet HTML 6Page - Texas Instruments TPS3707-50DR Datasheet HTML 7Page - Texas Instruments TPS3707-50DR Datasheet HTML 8Page - Texas Instruments TPS3707-50DR Datasheet HTML 9Page - Texas Instruments TPS3707-50DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TPS3705-30, TPS3705-33, TPS3705-50, TPS3707-30, TPS3707-50
SLVS184D – NOVEMBER 1998 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS3705-30 TPS3705-33 TPS3705-50 TPS3707-30 TPS3707-50
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS3705-xx
TPS3707-xx
UNIT
D (SOIC)
DGN (MSOP-PowerPAD)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
118.2
66.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
64.4
62.6
°C/W
RθJB
Junction-to-board thermal resistance
58.5
45.1
°C/W
ψJT
Junction-to-top characterization parameter
15.8
7.6
°C/W
ψJB
Junction-to-board characterization parameter
57.9
44.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
18.5
°C/W
(1)
The lowest supply voltage at which RESET becomes active, tr,VDD ≥ 15 µs/V
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 µF) should be placed near to the supply terminals
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
TPS370x-xx, VDD = 1.1 V, IOH = –4 μA
0.8
V
TPS3707-25, TPS370x-30, TPS370x-33,
VDD = VIT+ + 0.2 V, IOH = –500 μA
0.7 × VDD
TPS370x-50, VDD = VIT+ + 0.2 V, IOH = –800 μA
VDD – 1.5
TPS370x-xx, VDD = 6 V, IOH = –800 μA
VDD – 1.5
VOL
Low-level output voltage
TPS3707-25, TPS370x-30, TPS370x-33,
VDD = VIT+ + 0.2 V, IOL = 1 mA
0.3
V
TPS370x-50, VDD = VIT+ + 0.2 V, IOL = 2.5 mA
0.4
TPS370x-xx, VDD = 6 V, IOL = 3 mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1 V, IOL = 50 μA
0.3
V
VIT–
Negative-going input
threshold voltage(2)
TPS3707-25, TA = 0°C to 85°C
2.2
2.25
2.3
V
TPS370x-30, TA = 0°C to 85°C
2.57
2.63
2.68
TPS370x-33, TA = 0°C to 85°C
2.87
2.93
2.98
TPS370x-50, TA = 0°C to 85°C
4.45
4.55
4.63
TPS3707-25, TA = –40°C to 85°C
2.2
2.25
2.32
TPS370x-30, TA = –40°C to 85°C
2.57
2.63
2.7
TPS370x-33, TA = –40°C to 85°C
2.87
2.93
3
TPS370x-50, TA = –40°C to 85°C
4.45
4.55
4.65
Negative-going input
threshold voltage, PFI(2)
TPS370x-xx, VDD ≥ 2 V, TA = –40°C to 85°C
1.2
1.25
1.3
Vhys
Hysteresis, VDD
TPS3707-25
40
mV
TPS370x-30
50
TPS370x-33
50
TPS370x-50
70
Hysteresis, PFI
TPS370x-xx
10
IIH(AV)
Average high-level input current, WDI
WDI = VDD = 6 V, time average (dc = 88%)
100
150
µA
IIL(AV)
Average low-level input current, WDI
WDI = 0 V, VDD = 6 V, time average (dc = 12%)
–15
–20
µA
IIH
High-level input current, WDI
WDI = VDD = 6 V
120
170
µA
High-level input current, MR
MR = 0.7 × VDD, VDD = 6 V
–130
–180
IIL
Low-level input current, WDI
WDI = 0 V, VDD = 6 V
–120
–170
µA
Low-level input current, MR
MR = 0 V, VDD = 6 V
–430
–600
II
Input current, PFI
VDD = 6 V, 0 V ≤ VI ≤ VDD
–1
0
1
µA


Número de pieza similar - TPS3707-50DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3707-50DR TI-TPS3707-50DR Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DR TI-TPS3707-50DR Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DR TI1-TPS3707-50DR Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DRG4 TI-TPS3707-50DRG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-50DRG4 TI-TPS3707-50DRG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Descripción similar - TPS3707-50DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com