Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS3707-50 Datasheet(PDF) 9 Page - Texas Instruments

No. de Pieza. TPS3707-50
Descripción  Processor Supervisory Circuits With Power-Fail
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS3707-50 Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2
1
0.5
0
0
−1
−2
−3
−4
−5
−6
2.5
3
3.5
−7
−8
−9 −10
1.5
−40 C
°
85 C
°
IOH − High-Level Output Current − mA
VDD = 3.2 V
PFI = 1.05 V
MR = Open
3.5
2.5
1
0
0
−5
−10
−15
5
6
6.5
−20
−25
−30
5.5
4.5
4
3
2
1.5
0.5
−40 C
°
85 C
°
VDD = 6 V
PFI = 1.05 V
MR = Open
IOH − High-Level Output Current − mA
−200
−300
−400
−500
−1
0
1
2
3
−100
0
100
4
5
6
VI − Input Voltage at MR − V
−40 C
°
85 C
°
VDD = 6 V
PFI = 1.05 V
4
2
0
0
200
400
600
6
8
10
800
1000
PFI = 1.05 V
MR = Open
VDD − Threshold Overdrive − mV
1
0.999
−40
−15
10
35
1.001
1.002
60
85
VDD = 6 V
PFI = 1.05 V
MR = Open
TA − Free-Air Temperature − °C
−10
−30
−50
−0.5
0.5
2.5
3.5
10
30
50
4.5
6.5
1.5
5.5
PFI = 1.05 V
MR = Open
TA = 25°C
TPS3707−50
VDD − Supply Voltage − V
9
TPS3705-30, TPS3705-33, TPS3705-50, TPS3707-30, TPS3707-50
www.ti.com
SLVS184D – NOVEMBER 1998 – REVISED MAY 2016
Product Folder Links: TPS3705-30 TPS3705-33 TPS3705-50 TPS3707-30 TPS3707-50
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
7.9 Typical Characteristics
Figure 2. Normalized Input Threshold Voltage
vs Free-Air Temperature at VDD
Figure 3. Supply Current vs Supply Voltage
Figure 4. Input Current vs Input Voltage at MR
Figure 5. Minimum Pulse Duration at VDD
vs VDD Threshold Overdrive
Figure 6. High-Level Output Voltage
vs High-Level Output Current
Figure 7. High-Level Output Voltage
vs High-Level Output Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn