Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3839G18DQNT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3839G18DQNT
Descripción Electrónicos  Ultralow Power, Supply Voltage Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839G18DQNT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3839G18DQNT Datasheet HTML 2Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 3Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 4Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 5Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 6Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 7Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 8Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 9Page - Texas Instruments TPS3839G18DQNT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS3831, TPS3839
SBVS193D – JUNE 2012 – REVISED JULY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range, unless otherwise noted
(1)
MIN
MAX
UNIT
VDD, RESET
–0.3
7
V
Voltage
MR
–0.3
VDD + 0.3
V
Current
RESET pin
–10
10
mA
Operating ambient, TA
–40
85
Temperature(2)
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
As a result of the low dissipated power in this device, the junction temperature is assumed to be equal to the ambient temperature.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Input supply voltage
0.9
6.5
V
VMR
Manual reset pin voltage
0
VDD
V
VRESET
RESET pin voltage
0
6.5
V
IRESET
RESET pin current
0
8
mA
7.4 Thermal Information
TPS3831,
TPS3839
TPS3839
THERMAL METRIC(1)
UNIT
DBZ (SOT23-3)
DQN (X2SON)
3 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
346.6
216.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
124.4
161.7
°C/W
RθJB
Junction-to-board thermal resistance
78.9
162.1
°C/W
ψJT
Junction-to-top characterization parameter
11.5
5.1
°C/W
ψJB
Junction-to-board characterization parameter
77.3
161.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
123.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated


Número de pieza similar - TPS3839G18DQNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3839G18DQNT TI1-TPS3839G18DQNT Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839G18DQNT TI-TPS3839G18DQNT Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
More results

Descripción similar - TPS3839G18DQNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com