Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3825-50DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3825-50DBVT
Descripción Electrónicos  Voltage Monitor With Watchdog Timer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3825-50DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3825-50DBVT Datasheet HTML 1Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 2Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 3Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 4Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 5Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 6Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 7Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 8Page - Texas Instruments TPS3825-50DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
−40
1.001
1
0.999
0.998
−15
10
35
TA − Free-Air Temperature − C
°
0.997
0.996
0.995
60
85
V
DD
V
DD
RESET
RESET
MR
WDI
GND
GND
TPS3823-33
MSP430C325
100 nF
3.3 V
I/O
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3820, TPS3823, TPS3823A, TPS3824, TPS3825, TPS3828
SLVS165K – APRIL 1998 – REVISED NOVEMBER 2015
TPS382x Voltage Monitor With Watchdog Timer
1 Features
3 Description
The TPS382x family of supervisors provide circuit
1
Power-On Reset Generator With Fixed Delay
initialization and timing supervision, primarily for DSP
Time of 200 ms (TPS3823/4/5/8) or 25 ms
and processor-based systems. During power on,
(TPS3820)
RESET
asserts
when
the
supply
voltage
VDD
Manual Reset Input (TPS3820/3/5/8)
becomes greater than 1.1 V. Thereafter, the supply
voltage supervisor monitors VDD and keeps RESET
Reset Output Available in Active-Low
active low as long as VDD remains less than the
(TPS3820/3/4/5), Active-High (TPS3824/5), and
threshold voltage, VIT−. An internal timer delays the
Open Drain (TPS3828)
return of the output to the inactive state (high) to
Supply Voltage Supervision Range:
ensure proper system reset. The delay time, td, starts
2.5 V, 3 V, 3.3 V, 5 V
after VDD has risen above the threshold voltage (VIT−
Watchdog Timer (TPS3820/3/4/8)
+ VHYS). When the supply voltage drops below the
threshold voltage VIT−, the output becomes active
Supply Current of 15
μA (Typical)
(low) again. No external components are required. All
5-Pin SOT-23 Package
the devices of this family have a fixed-sense
Temperature Range:
−40°C to 85°C
threshold voltage, VIT–, set by an internal voltage
divider. The TPS382x family also offers watchdog
time out options of 200 ms (TPS3820) and 1.6 s
2 Applications
(TPS3823/4/8).
DSPs, Microcontrollers, or Microprocessors
Industrial Equipment
Device Information(1)
Programmable Controls
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automotive Systems
TPS382x
SOT-23 (5)
2.90 mm × 1.60 mm
Portable and Battery-Powered Equipment
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Intelligent Instruments
Wireless Communications Systems
Notebook and Desktop Computers
Typical Application Schematic
Normalized Input Threshold Voltage vs Free-Air
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Número de pieza similar - TPS3825-50DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI-TPS3825-50DBVT Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI1-TPS3825-50DBVT Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3825-50DBVT TI1-TPS3825-50DBVT Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
More results

Descripción similar - TPS3825-50DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com