Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40001DGQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40001DGQ
Descripción Electrónicos  LOW-INPUT VOLTAGE-MODE SYN CHRONOUS BUCK CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40001DGQ Datasheet(HTML) 5 Page - Texas Instruments

  TPS40001DGQ Datasheet HTML 1Page - Texas Instruments TPS40001DGQ Datasheet HTML 2Page - Texas Instruments TPS40001DGQ Datasheet HTML 3Page - Texas Instruments TPS40001DGQ Datasheet HTML 4Page - Texas Instruments TPS40001DGQ Datasheet HTML 5Page - Texas Instruments TPS40001DGQ Datasheet HTML 6Page - Texas Instruments TPS40001DGQ Datasheet HTML 7Page - Texas Instruments TPS40001DGQ Datasheet HTML 8Page - Texas Instruments TPS40001DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPS40000, TPS40001
TPS40002, TPS40003
TPS40004, TPS40005
SLUS507D − JANUARY 2002 − REVISED NOVEMBER 2005
5
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating temperature range, TA = −40_C to 85_C, VDD = 5.0 V, all parameters measured at zero
power dissipation (unless otherwise noted)
output driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RHDHI
HDRV pull-up resistance
VBOOT−VSW = 3.3 V,
ISOURCE = −100 mA
3
5.5
RHDLO HDRV pull-down resistance
VBOOT − VSW = 3.3 V,
ISINK = 100 mA
1.5
3
RLDHI
LDRV pull-up resistance
VDD = 3.3 V,
ISOURCE = −100 mA
3
5.5
RLDLO
LDRV pull-down resistance
VDD = 3.3 V,
ISINK = 100 mA
1.0
2.0
tRISE
LDRV rise time
15
35
tFALL
LDRV fall time
CLOAD = 1 nF
10
25
ns
HDRV rise time
CLOAD = 1 nF
15
35
ns
HDRV fall time
10
25
thermal shutdown
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSD
Shutdown temperature(1)
165
°C
Hysteresiss(1)
15
°C
sw node
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISW
Leakage current in shutdown (1)
15
µA
(1)
Ensured by design. Not production tested.
(2)
At VDD input voltage of 2.25 V, derate the maximum duty cycle by 3%.


Número de pieza similar - TPS40001DGQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40001DGQ TI-TPS40001DGQ Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQ TI-TPS40001DGQ Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQG4 TI-TPS40001DGQG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQR TI-TPS40001DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40001DGQRG4 TI-TPS40001DGQRG4 Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS40001DGQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40000 TI-TPS40000_15 Datasheet
983Kb / 27P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000 TI-TPS40000 Datasheet
292Kb / 20P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40000DGQR TI-TPS40000DGQR Datasheet
986Kb / 28P
[Old version datasheet]   LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI1-TPS40020_16 Datasheet
938Kb / 34P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_16 Datasheet
1Mb / 33P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI1-TPS40021-EP_17 Datasheet
1Mb / 39P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40020 TI-TPS40020 Datasheet
411Kb / 32P
[Old version datasheet]   ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021-EP TI-TPS40021-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
logo
Global Mixed-mode Techn...
G5217 GMT-G5217 Datasheet
76Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
G5207 GMT-G5207 Datasheet
354Kb / 1P
   24V Input Voltage-Mode Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com