Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40100RGET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40100RGET
Descripción Electrónicos  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40100RGET Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40100RGET Datasheet HTML 5Page - Texas Instruments TPS40100RGET Datasheet HTML 6Page - Texas Instruments TPS40100RGET Datasheet HTML 7Page - Texas Instruments TPS40100RGET Datasheet HTML 8Page - Texas Instruments TPS40100RGET Datasheet HTML 9Page - Texas Instruments TPS40100RGET Datasheet HTML 10Page - Texas Instruments TPS40100RGET Datasheet HTML 11Page - Texas Instruments TPS40100RGET Datasheet HTML 12Page - Texas Instruments TPS40100RGET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
www.ti.com
f − Switching Frequency − kHz
100
300
100
150
200
250
350
300
350
200
450
550
400
250
500
150
fSW − Switching Frequency − kHz
250
100
50
350
300
400
500
450
600
550
125
75
225
175
200
150
Selecting an Inductor Value
L +
VIN * VOUT
VOUT
VIN fSW DI
(H)
(2)
Selecting the Output Capacitance
TPS40100
SLUS601–MAY 2005
APPLICATION INFORMATION (continued)
TIMING RESISTOR
TIMING RESISTOR
vs
vs
SWITCHING FREQUENCY
SWITCHING FREQUENCY
(250 kHz to 600 kHz)
(100 kHz to 350 kHz)
Figure 1.
Figure 2.
The inductor value determines the ripple current in the output capacitors and has an effect on the achievable
transient response. A large inductance decreases ripple current and output voltage ripple, but is physically larger
than a smaller inductance at the same current rating and limits output current slew rate more that a smaller
inductance would. A lower inductance increases ripple current and output voltage ripple, but is physically smaller
than a larger inductance at the same current rating. For most applications, a good compromise is selecting an
inductance value that gives a ripple current between 20% and 30% of the full load current of the converter. The
required inductance for a given ripple current can be found from:
where
L is the inductance value (H)
VIN is the input voltage to the converter (V)
VOUT is the output voltage of the converter (V)
fSW is the switching frequency chosen for the converter (Hz)
•∆I is the peak-to-peak ripple current in the inductor (A)
The required value for the output capacitance depends on the output ripple voltage requirements and the ripple
current in the inductor, as well as any load transient specifications that may exist.
The output voltage ripple depends directly on the ripple current and is affected by two parameters from the
output capacitor: total capacitance and the capacitors equivalent series resistance (ESR). The output ripple
voltage (worst case) can be found from:
9


Número de pieza similar - TPS40100RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40100RGET TI-TPS40100RGET Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Descripción similar - TPS40100RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100_15 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com