Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST49C101ACF8-09 Datasheet(PDF) 1 Page - Exar Corporation

No. de pieza ST49C101ACF8-09
Descripción Electrónicos  High Frequency Clock Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST49C101ACF8-09 Datasheet(HTML) 1 Page - Exar Corporation

  ST49C101ACF8-09 Datasheet HTML 1Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 2Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 3Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 4Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 5Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 6Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 7Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 8Page - Exar Corporation ST49C101ACF8-09 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
ST49C101A-XX
High Frequency Clock Multiplier
January 1999 -3
Rev. 2.20
FEATURES
• Mask Programmable Analog Phase Locked
Loop
• Up to 200MHz Operation
• Preprogrammed Multiplication Factors of 2, 3, 4, 5,
6, 8, 10 and 12X
• Low Output Jitter
• Replace Expensive High Frequency Oscillator
• Crystal Oscillator Circuit On Chip
• Low Power Single Supply 5V or 3.3V CMOS
Technology
• Small 8 Lead SOIC Package
GENERAL DESCRIPTION
The ST49C101A-XX is a mask programmable mono-
lithic analog phase locked loop device, designed to
replace existing high frequency crystal oscillator with
a low frequency crystal. The high performance
APPLICATIONS
• Voltage Controlled Crystal Oscillator (VCXO)
• System Clock Multiplication in:
Computer Systems
Telecommunications Systems
Set-top Boxes
ST49C101A-XX provides low jitter clock output and
operates up to 180 MHz. at 3.3 volts power supply. The
ST49C101A-XX supports preprogrammed multiplica-
tion factors of 2,3,4,5,6,8,10 and 12X.
ORDERING INFORMATION
.
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
g
n
i
t
a
r
e
p
O
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
1
0
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
3
0
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
5
0
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
6
0
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
7
0
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
8
0
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
9
0
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
0
1
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
3
1
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
5
1
-
8
F
C
A
1
0
1
C
9
4
T
SC
I
O
S
c
e
d
e
J
li
M
0
5
1
d
a
e
L
80o
0
7
o
t
C
oC
y
r
o
t
c
a
F
tl
u
s
n
o
Ce
i
D0o
0
7
o
t
C
oC


Número de pieza similar - ST49C101ACF8-09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST49C107A EXAR-ST49C107A Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
ST49C107ACF14-04 EXAR-ST49C107ACF14-04 Datasheet
66Kb / 8P
   Preprogrammed CPU Mother Board Frequency Generator
More results

Descripción similar - ST49C101ACF8-09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CTS Corporation
658 CTS-658 Datasheet
148Kb / 5P
   CLOCK, HIGH FREQUENCY MULTIPLIER
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com