Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5120DBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5120DBT
Descripción Electrónicos  DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5120DBT Datasheet(HTML) 3 Page - Texas Instruments

  TPS5120DBT Datasheet HTML 1Page - Texas Instruments TPS5120DBT Datasheet HTML 2Page - Texas Instruments TPS5120DBT Datasheet HTML 3Page - Texas Instruments TPS5120DBT Datasheet HTML 4Page - Texas Instruments TPS5120DBT Datasheet HTML 5Page - Texas Instruments TPS5120DBT Datasheet HTML 6Page - Texas Instruments TPS5120DBT Datasheet HTML 7Page - Texas Instruments TPS5120DBT Datasheet HTML 8Page - Texas Instruments TPS5120DBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS5120
DUAL OUTPUT, TWOPHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
SLVS278E – AUGUST 2000 – REVISED MARCH 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
SOFTSTART1
DLY
DLY
OSC
Timer
SOFTSTART2
DLY
DLY
Phase
V
5 VREG
Current
Protection
Trigger
Skip Comp.
PWM Comp.
Err Amp.
0.85 V
STBY1
UVLO
SIGNAL
STBY2
OVP1
OVP2
UVP1
UVP2
0.85 V+12%
Err Amp.
Skip Comp.
0.85 V
UVLO
SIGNAL
UVLO
Comp.
0.85 V
INV2
INV1
PGcomp4
PGcomp3
INV2
PGcomp2
INV1
0.85 V–7%
PGcomp1
4.5 V
5.0 V
PWM Comp.
Current Comp.
VCC
SOFTSTART1
FB1
INV1
CT
FLT
FB2
INV2
PWM/SKIP
SOFTSTART2
STBY1
STBY2
REF
5V_STBY
GND
POWERGOOD
REG5V_IN
VREF5
LH2
OUT2_u
LL2
OUT2_d
OUTGND2
TRIP2
TRIP1
V
OUTGND1
OUT1_d
LL1
OUT1_u
LH1
SFT1
SFT2
Inverter
0.85 V+12%
0.85 V –19.4%
0.85 V –19.4%
ref
0.85 V –7%
0.85 V +7%
0.85 V +7%
CC
_
+
_
+
_
+
_
+
_
+
_
+
_
+
+
_
+
_
+
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
–(V
CC
– VTRIP1
V
CC
LSD Trip
HSD Trip
_
+
HSD Trip
LSD Trip
– VTRIP1)
– VTRIP2
V
CC
–(V
CC
– VTRIP2)


Número de pieza similar - TPS5120DBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5120DBT TI-TPS5120DBT Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120DBTR TI-TPS5120DBTR Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results

Descripción similar - TPS5120DBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com