Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS5210PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS5210PWPR
Descripción Electrónicos  PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5210PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS5210PWPR Datasheet HTML 1Page - Texas Instruments TPS5210PWPR Datasheet HTML 2Page - Texas Instruments TPS5210PWPR Datasheet HTML 3Page - Texas Instruments TPS5210PWPR Datasheet HTML 4Page - Texas Instruments TPS5210PWPR Datasheet HTML 5Page - Texas Instruments TPS5210PWPR Datasheet HTML 6Page - Texas Instruments TPS5210PWPR Datasheet HTML 7Page - Texas Instruments TPS5210PWPR Datasheet HTML 8Page - Texas Instruments TPS5210PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS5210
PROGRAMMABLE SYNCHRONOUS BUCK REGULATOR CONTROLLER
SLVS171A − SEPTEMBER 1998 − REVISED MAY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
droop compensation
The droop compensation network reduces the load transient overshoot/undershoot on VO, relative to VREF. VO
is programmed to a voltage greater than VREF by an external resistor divider from VO to VSENSE to reduce the
undershoot on VO during a low-to-high load transient. The overshoot during a high-to-low load transient is
reduced by subtracting the voltage on DROOP from VREF. The voltage on IOUT is divided with an external
resistor divider, and connected to DROOP.
inhibit
INHIBIT is a TTL-compatible digital input used to enable the controller. When INHIBIT is low, the output drivers
are low and the slowstart capacitor is discharged. When INHIBIT goes high, the short across the slowstart
capacitor is released and normal converter operation begins. When the system-logic supply is connected to
INHIBIT, it also controls power sequencing by locking out controller operation until the system-logic supply
exceeds the input threshold voltage of the inhibit circuit. The 12-V supply and the system logic supply (either
5 V or 3.3 V) must be above UVLO thresholds before the controller is allowed to start up. The start threshold
is 2.1 V and the hysteresis is 100 mV for the INHIBIT comparator.
VCC undervoltage lockout (UVLO)
The undervoltage lockout circuit disables the controller while the VCC supply is below the 10-V start threshold
during power up. When the controller is disabled, the output drivers will be low and the slowstart capacitor is
discharged. When VCC exceeds the start threshold, the short across the slowstart capacitor is released and
normal converter operation begins. There is a 2-V hysteresis in the undervoltage lockout circuit for noise
immunity.
slowstart
The slowstart circuit controls the rate at which VO powers up. A capacitor is connected between SLOWST and
ANAGND and is charged by an internal current source. The current source is proportional to the reference
voltage, so that the charging rate of Cslowst is proportional to the reference voltage. By making the charging
current proportional to VREF, the power-up time for VO will be independent of VREF. Thus, CSLOWST can remain
the same value for all VID settings. The slowstart charging current is determined by the following equation:
Islowstart = I(VREFB) / 5 (amps)
Where I(VREFB) is the current flowing out of VREFB.
It is recommended that no additional loads be connected to VREFB, other than the resistor divider for setting the
hysteresis voltage. The maximum current that can be sourced by the VREFB circuit is 500 µA. The equation for
setting the slowstart time is:
tSLOWST = 5 × CSLOWST × RVREFB
(seconds)
Where RVREFB is the total external resistance from VREFB to ANAGND.
power good
The power-good circuit monitors for an undervoltage condition on VO. If VO is 7% below VREF, then the PWRGD
pin is pulled low. PWRGD is an open-drain output.
overvoltage protection
The overvoltage protection (OVP) circuit monitors VO for an overvoltage condition. If VO is 15% above VREF,
then a fault latch is set and both output drivers are turned off. The latch will remain set until VCC goes below the
undervoltage lockout value. A 3-
µs deglitch timer is included for noise immunity. Refer to the LODRV section
for information on how to protect the microprocessor against overvoltages due to a shorted fault across the
high-side power FET.


Número de pieza similar - TPS5210PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5210PWP TI-TPS5210PWP Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results

Descripción similar - TPS5210PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
LM2636 NSC-LM2636 Datasheet
325Kb / 14P
   5-Bit Programmable Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com