Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51220RHBRG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS51220RHBRG4
Descripción Electrónicos  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220RHBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51220RHBRG4 Datasheet HTML 1Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 2Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 3Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 4Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 5Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 6Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 7Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 8Page - Texas Instruments TPS51220RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TPS51220
www.ti.com
SLVS785C – OCTOBER 2007 – REVISED JULY 2009
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, EN = 3.3V, VIN = 12V, V5SW = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN shutdown current, TA = 25°C,
I(VINSDN)
VIN shutdown current
7
15
μA
No Load, EN = 0V, V5SW = 0 V
VIN standby current, TA = 25°C, No Load,
I(VINSTBY)
VIN standby current
80
120
μA
EN1 = EN2 = V5SW = 0 V
VBAT standby current, TA = 25°C, No Load
I(VBATSTBY)
VBAT standby current
500
μA
SKIPSEL2 = 2V, EN2 = open, EN1 = V5SW = 0V(1)
TRIP = 5 V
1.2
mA
V5SW current, TA = 25°C, No Load,
I(V5SW)
V5SW supply current
ENx = 5V, VFBx = 1.05 V
TRIP = 0 V
1.4
mA
VREF2 OUTPUT
I(VREF2) < ±10 μA, TA = 25°C
1.98
2.00
2.02
V(VREF2)
VREF2 output voltage
V
I(VREF2) < ±100 μA, 4.5V < VIN < 25 V
1.97
2.00
2.03
VREG3 OUTPUT
V5SW = 0 V, I(VREG3) = 0 mA, TA = 25°C
3.279
3.313
3.347
V(VREG3)
VREG3 output voltage
V
V5SW = 0 V, 0 mA < I(VREG3) < 10 mA,
3.135
3.300
3.400
5.5 V < VIN < 25 V
I(VREG3)
VREG3 output current
VREG3 = 3 V
10
15
20
mA
VREG5 OUTPUT
V5SW = 0 V, I(VREG5) = 0 mA, TA = 25°C
4.99
5.04
5.09
V
V5SW = 0 V, 0 mA < I(VREG5) < 100 mA,
4.90
5.03
5.15
V(VREG5)
VREG5 output voltage
6 V < VIN < 25 V
V5SW = 0 V, 0 mA < I(VREG5) < 100 mA,
4.50
5.03
5.15
V
5.5 V < VIN < 25 V
V5SW = 0 V, VREG5 = 4.5 V
100
150
200
I(VREG5)
VREG5 output current
mA
V5SW = 5 V, VREG5 = 4.5 V
200
300
400
Turning on
4.55
4.7
4.8
V(THV5SW)
Switchover threshold
V
Hysteresis
0.15
0.20
0.25
td(V5SW)
Switchover delay
Turning on
7.7
ms
R(V5SW)
5V SW on-resistance
I(VREG5) = 100 mA
0.5
OUTPUT
TA = 25°C, No Load
0.9925
1.000
1.0075
VF B regulation voltage
V(VFB)
V
tolerance
TA = –40°C to 85°C , No Load
0.990
1.000
1.010
I(VFB)
VF B input current
VFBx = 1.05 V, COMPx = 1.8 V, TA = 25°C
–50
50
nA
R(Dischg)
CSNx discharge resistance
ENx = 0 V, CSNx = 0.5 V, TA = 25°C
20
40
VOLTAGE TRANSCONDUCTANCE AMPLIFIER
Gmv
Gain
TA = 25°C
500
μS
Differential input voltage
VID
–30
30
mV
range
COMP maximum sink
I(COMPSINK)
COMPx = 1.8 V
33
μA
current
COMP maximum source
I(COMPSRC)
COMPx = 1.8 V
–33
μA
current
(1)
Specified by design. Detail external condition follows application circuit of Figure 53.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :TPS51220


Número de pieza similar - TPS51220RHBRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51220RHBR TI-TPS51220RHBR Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Descripción similar - TPS51220RHBRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com