Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS72116DBVRG4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS72116DBVRG4
Descripción Electrónicos  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS72116DBVRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS72116DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 11Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS72116DBVRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TPS72101, TPS72115
TPS72116, TPS72118
SLVS352B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
9
PROGRAMMING THE TPS72101 ADJUSTABLE LDO REGULATOR
The output voltage of the TPS72101 adjustable regulator is programmed using an external resistor divider as shown in
Figure 18. The output voltage is calculated using:
V
O +
V
ref
1
) R1
R2
(1)
Where:
Vref = 1.225 V typ (the internal reference voltage)
Resistors R1 and R2 should be chosen for approximately 10-
µA divider current. Lower value resistors can be used but offer
no inherent advantage and waste more power. Higher values should be avoided, as leakage currents at FB increase the
output
voltage
error.
The
recommended
design
procedure
is
to
choose
R2 = 121 k
Ω to set the divider current at 10 µA and then calculate R1 using:
R1
+
V
O
V
ref
* 1
R2
(2)
Where:
Vref = 1.225 V
VO
VI
OUT
FB
R2
GND
EN
IN
0.9 V
1.7 V
TPS72101
OUTPUT
VOLTAGE
(V)
R1
R2
2.5
3.3
127
205
121
121
OUTPUT VOLTAGE
PROGRAMMING GUIDE
DIVIDER RESISTANCE
(k
Ω)†
† 1% values shown.
3
1
4
2
R1
5
0.1
µF
0.1
µF
Figure 18. TPS72101 Adjustable LDO Regulator Programming
REGULATOR PROTECTION
The TPS721xx pass element has a built-in back diode that safely conducts reverse current when the input voltage drops
below the output voltage (e.g., during power down). Current is conducted from the output to the input and is not internally
limited. If extended reverse voltage is anticipated, external limiting might be appropriate.
The TPS721xx also features internal current limiting and thermal protection. During normal operation, the TPS721xx limits
output current to approximately 350 mA. When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. While current limiting is designed to prevent gross device failure, care should be taken not to
exceed the power dissipation ratings of the package. If the temperature of the device exceeds 170
°C, thermal-protection
circuitry shuts it down. Once the device has cooled down to below 150
°C, regulator operation resumes.


Número de pieza similar - TPS72116DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS72116DBVRG4 TI-TPS72116DBVRG4 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72116DBVRG4 TI1-TPS72116DBVRG4 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS72116DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com