Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS544C25RVFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS544C25RVFT
Descripción Electrónicos  4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544C25RVFT Datasheet(HTML) 3 Page - Texas Instruments

  TPS544C25RVFT Datasheet HTML 1Page - Texas Instruments TPS544C25RVFT Datasheet HTML 2Page - Texas Instruments TPS544C25RVFT Datasheet HTML 3Page - Texas Instruments TPS544C25RVFT Datasheet HTML 4Page - Texas Instruments TPS544C25RVFT Datasheet HTML 5Page - Texas Instruments TPS544C25RVFT Datasheet HTML 6Page - Texas Instruments TPS544C25RVFT Datasheet HTML 7Page - Texas Instruments TPS544C25RVFT Datasheet HTML 8Page - Texas Instruments TPS544C25RVFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
CNTL
ADDR1
ADDR0
DATA
CLK
BOOT
SW
SW
SW
SW
SW
VOUTSt
VOUTS+
VSET
VDD
BP6
BP3
PGND
VIN
VIN
VIN
VIN
VIN
Thermal Tab
1
2
3
4
5
6
7
8
9
10
11
12
40 39 38 37 36 35 34 33
32
31
30
29
28
27
26
25
24
23
22
21
13 14 15 16 17 18 19 20
SMBALERT
3
TPS544C25, TPS544B25
www.ti.com
SLUSC81 – MAY 2015
Product Folder Links: TPS544C25 TPS544B25
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Table 1. Device Comparison
DEVICE NAME
CURRENT OPTION (A)
TPS544B25RVFR
20
TPS544B25RVFT
TPS544C25RVFR
30
TPS544C25RVFT
5 Pin Configuration and Functions
RVF (LQFN) PACKAGE
40 PINS
(TOP VIEW)
Pin Functions
NAME
NO.
DESCRIPTION
ADDR0
3
Sets low-order 3-bits of the PMBus address. Connect a resistor between this pin and AGND.
ADDR1
2
Sets high-order 3-bits of the PMBus address. Connect a resistor between this pin and AGND.
AGND
38
Analog ground return for controller device. Connect to GND at the thermal tab.
BP3
27
Output of the 3.3-V on-board regulator. This regulator powers the controller and should be bypassed with a
minimum of 2.2 µF to AGND. BP3 is not designed to power external circuit.
BP6
28
Output of the 6.5-V on-board regulator. This regulator powers the driver stage of the controller and should
be bypassed with a minimum of 2.2 µF to GND. TI recommends using an additional 100-nF typical bypass
capacitor for reduce ripple on BP6.
BOOT
7
Bootstrap pin for the internal flying high-side driver. Connect a typical 100-nF capacitor from this pin to the
SW pin.
CLK
5
PMBus CLK pin. See Supported PMBus Commands section.
CNTL
1
PMBus CNTL pin. See Supported PMBus Commands section. The CNTL pin has an internal pull-up and
floats high when left floating.
COMP
35
Output of the error amplifier. Connect compensator network from this pin to the FB pin.


Número de pieza similar - TPS544C25RVFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS544C20 TI-TPS544C20 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C20 TI1-TPS544C20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20RVFT TI1-TPS544C20RVFT Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Descripción similar - TPS544C25RVFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com