Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54062DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54062DGKR
Descripción Electrónicos  4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54062DGKR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54062DGKR Datasheet HTML 1Page - Texas Instruments TPS54062DGKR Datasheet HTML 2Page - Texas Instruments TPS54062DGKR Datasheet HTML 3Page - Texas Instruments TPS54062DGKR Datasheet HTML 4Page - Texas Instruments TPS54062DGKR Datasheet HTML 5Page - Texas Instruments TPS54062DGKR Datasheet HTML 6Page - Texas Instruments TPS54062DGKR Datasheet HTML 7Page - Texas Instruments TPS54062DGKR Datasheet HTML 8Page - Texas Instruments TPS54062DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.05
Output Current (A)
VO = 5 V, fsw = 100 kHz, EN Floating
VO = 3.3 V, fsw = 400 kHz
VIN = 10 V
G000
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS54062
SLVSAV1D – MAY 2011 – REVISED JULY 2016
TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
1
1 Features
1
Integrated High-Side and Low-Side MOSFET
Peak Current Mode Control
Diode Emulation for Improved Light-Load
Efficiency
89 µA (typical) Operating Quiescent Current
100-kHz to 400-kHz Adjustable Switching
Frequency
Synchronizes to External Clock
Internal Slow-Start
0.8 V ±2% Voltage Reference
Stable with Ceramic Output Capacitors or Low-
Cost Aluminum Electrolytic
Cycle-by-Cycle Current Limit, Thermal and
Frequency Foldback Protection
MSOP-8 and 3mm × 3mm VSON-8 Packages
2 Applications
Low-Power Standby or Bias Voltage Supplies
4-20 mA Current-Loop Powered Sensors
Industrial Process Control, Metering, and Security
Systems
High Voltage Linear Regulator Replacement
3 Description
The TPS54062 device is a 60-V, 50-mA, synchronous
step-down converter with integrated high-side and
low-side MOSFETs. Current mode control provides
simple external compensation and flexible component
selection. The non-switching supply current is 89 µA.
Using the enable pin, shutdown supply current is
reduced to 1.7 µA.
Undervoltage lockout is internally set at 4.5 V, but
can be increased using the accurate enable pin
threshold. The output voltage start-up ramp is
controlled by the internal slow-start time.
Adjustable
switching
frequency
range
allows
efficiency
and
external
component
size
to
be
optimized. Frequency foldback and thermal shutdown
protects the part during an overload condition.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS54062
MSOP (8)
3.00 mm × 3.00 mm
VSON (8)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
SPACER
SPACER
Simplified Schematic
Efficiency


Número de pieza similar - TPS54062DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54062DGKR TI1-TPS54062DGKR Datasheet
751Kb / 30P
[Old version datasheet]   4.7V to 60V Input, 50mA Synchronous Step-Down Converter with Low IQ
More results

Descripción similar - TPS54062DGKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com