Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54110 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS54110
Descripción Electrónicos  3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54110 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54110_16 Datasheet HTML 1Page - Texas Instruments TPS54110_16 Datasheet HTML 2Page - Texas Instruments TPS54110_16 Datasheet HTML 3Page - Texas Instruments TPS54110_16 Datasheet HTML 4Page - Texas Instruments TPS54110_16 Datasheet HTML 5Page - Texas Instruments TPS54110_16 Datasheet HTML 6Page - Texas Instruments TPS54110_16 Datasheet HTML 7Page - Texas Instruments TPS54110_16 Datasheet HTML 8Page - Texas Instruments TPS54110_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
(6,3 mm x 6,4 mm)
Typical Size
VIN
PH
TPS54110
BOOT
PGND
COMP
VSENSE
AGND
VBIAS
Compensation
Network
Input
Output
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0
.
5
0
.
75
1
1.25
1
.
5
I -
O
Output Current - A
EFFICIENCY
vs
OUTPUT CURRENT
100 µF
2200 pF
0.047 µF
0.1 µF
10 µF
3.92 k
2.05 k
3.92 k
19.1 k
6.8 µH
2700 pF
33 pF
Simplified Schematic
.
TPS54110
www.ti.com
SLVS500C
– DECEMBER 2003 – REVISED FEBRUARY 2011
3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM
Switcher with Integrated FETs ( SWIFT
™)
Check for Samples: TPS54110
1
FEATURES
DESCRIPTION
2
Integrated MOSFET Switches for High
As members of the SWIFT family of dc/dc regulators,
Efficiency at 1.5-A Continuous Output Source
the TPS54110 low-input-voltage high-output-current
or Sink Current
synchronous-buck
PWM
converter
integrates
all
required
active
components.
Included
on
the
0.9-V to 3.3-V Adjustable Output Voltage With
substrate with the listed features are a true, high-
1% Accuracy
performance, voltage error amplifier that provides
Externally Compensated for Design Flexibility
high performance under transient conditions; an
Fast Transient Response
undervoltage-lockout circuit to prevent start-up until
the input voltage reaches 3 V; an internally and
Wide PWM Frequency: Fixed 350 kHz, 550 kHz,
externally
set
slow-start
circuit
to
limit
in-rush
or Adjustable 280 kHz to 700 kHz
currents;
and
a
power-good
output
useful
for
Load Protected by Peak Current Limit and
processor/logic reset, fault signaling, and supply
Thermal Shutdown
sequencing.
Integrated Solution Reduces Board Area and
The TPS54110 device is available in a thermally
Total Cost
enhanced
20-pin
TSSOP
(PWP)
PowerPAD
package,
which
eliminates
bulky
heatsinks.
TI
APPLICATIONS
provides evaluation modules and the SWIFT designer
software tool to aid in quickly achieving high-
Low-Voltage, High-Density Systems With
performance
power
supply
designs
to
meet
Power Distributed at 5 V or 3.3 V
aggressive equipment development cycles.
Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs, and
Microprocessors
Broadband, Networking, and Optical
Communications Infrastructure
Portable Computing/Notebook PCs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
© 2003–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS54110_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54110 TI-TPS54110_15 Datasheet
898Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
More results

Descripción similar - TPS54110_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54110 TI-TPS54110_15 Datasheet
898Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-Q1 TI1-TPS54311-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI1-TPS54310_16 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
TPS54311 TI-TPS54311 Datasheet
553Kb / 10P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310 TI-TPS54310 Datasheet
142Kb / 14P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com