Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54228DRCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54228DRCR
Descripción Electrónicos  4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54228DRCR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54228DRCR Datasheet HTML 1Page - Texas Instruments TPS54228DRCR Datasheet HTML 2Page - Texas Instruments TPS54228DRCR Datasheet HTML 3Page - Texas Instruments TPS54228DRCR Datasheet HTML 4Page - Texas Instruments TPS54228DRCR Datasheet HTML 5Page - Texas Instruments TPS54228DRCR Datasheet HTML 6Page - Texas Instruments TPS54228DRCR Datasheet HTML 7Page - Texas Instruments TPS54228DRCR Datasheet HTML 8Page - Texas Instruments TPS54228DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TPS54228
www.ti.com
SLVSAU1E – MAY 2011 – REVISED AUGUST 2016
Product Folder Links: TPS54228
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS54228
UNITS
DDA (SO)
D (SOIC)
DRC (VSON)
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
45.3
114.4
43.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.8
60.8
55.4
°C/W
RθJB
Junction-to-board thermal resistance
16.2
55.7
18.9
°C/W
ψJT
Junction-to-top characterization parameter
6.6
17.4
0.7
°C/W
ψJB
Junction-to-board characterization parameter
16
55.1
19.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
8.5
5.3
°C/W
(1)
Not production tested.
6.5 Electrical Characteristics
over operating free-air temperature range and VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN
Operating, non-switching supply current
VIN current, TA = 25°C, EN = 5 V,
VFB = 0.8 V
800
1200
µA
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
5
10
µA
LOGIC THRESHOLD
VEN
EN high-level input voltage
EN
1.6
V
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
220
440
880
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFBTH
VFB threshold voltage
TA = 25°C, VO = 1.05 V, IO = 10 mA,
Eco-Mode™ operation
770
mV
TA = 25°C, VO = 1.05 V,
continuous mode operation
749
765
781
mV
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.1
µA
VREG5 OUTPUT
VVREG5
VREG5 output voltage
TA = 25°C, 6 V < VIN < 18 V,
0 < IVREG5 < 5 mA
5.2
5.5
5.7
V
VLN5
Line regulation
6 V < VIN < 18 V, IVREG5 = 5 mA
25
mV
VLD5
Load regulation
0 mA < IVREG5 < 5 mA
100
mV
IVREG5
Output current
VIN = 6 V, VREG5 = 4 V, TA = 25°C
60
mA
MOSFET
RDS(on)
High side switch resistance
DDA and D packages 25°C, VBST – SW = 5.5 V
155
DRC package, 25°C, VBST – SW = 5.5 V
165
Low side switch resistance
25°C
108
Iocl
Current limit
DDA and DRC packages, L out = 2.2 µH(1)
2.5
3.3
4.7
A
D package, L out = 2.2 µH(1)
2.3
3
4.5
A
TSDN
Thermal shutdown threshold
Shutdown temperature(1)
165
°C
Hysteresis(1)
35
tON
On time
VIN = 12 V, VO = 1.05 V
150
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.7 V
260
310
ns
ISS
Soft-start charge current
VSS = 1 V
1.4
2
2.6
µA
Soft-start discharge current
VSS = 0.5 V
0.1
0.2
mA
UVLO
Undervoltage lockout threshold
Wake up VREG5 voltage
3.45
3.75
4.05
V
Hysteresis VREG5 voltage
0.13
0.32
0.48


Número de pieza similar - TPS54228DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54228DDA TI1-TPS54228DDA Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54228DDAR TI1-TPS54228DDAR Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
More results

Descripción similar - TPS54228DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54328 TI1-TPS54328_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS56428 TI-TPS56428_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
TPS54428 TI1-TPS54428 Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com