Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54260QDRCTQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54260QDRCTQ1
Descripción Electrónicos  TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54260QDRCTQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54260QDRCTQ1 Datasheet HTML 4Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 5Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 6Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 7Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 8Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 9Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 10Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 11Page - Texas Instruments TPS54260QDRCTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
–3
–2.5
–2
–1.5
–1
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
C012
–1
–0.95
–0.9
–0.85
–0.8
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
C011
1.10
1.20
1.30
1.40
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
C009
–4.25
–4
–3.75
–3.5
–3.25
–50
–25
0
25
50
75
100
125
150
Junction Temperature (°C)
C010
200
250
300
350
400
500
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
V = 12 V
I
450
20
60
100
120
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
V = 12 V
I
40
80
TPS54260-Q1
SLVSAH8F – DECEMBER 2010 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. EA Transconductance During Slow Start vs
Figure 8. EA Transconductance vs Junction Temperature
Junction Temperature
Figure 9. EN Pin Voltage vs Junction Temperature
Figure 10. EN Pin Current vs Junction Temperature
Figure 11. EN Pin Current vs Junction Temperature
Figure 12. SS/TR Charge Current vs Junction Temperature
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS54260-Q1


Número de pieza similar - TPS54260QDRCTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
More results

Descripción similar - TPS54260QDRCTQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54260-Q1 TI-TPS54260-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS54260-Q1 3.5-V to 60-V Step-Down Converter With Eco-mode?
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260-EP TI1-TPS54260-EP_17 Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54260-EP TI1-TPS54260-EP Datasheet
1Mb / 50P
[Old version datasheet]   3.5-V to 60-V Step-Down Converter With Eco-mode Control Scheme
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com