Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS310312DVB Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS310312DVB
Descripción Electrónicos  ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS310312DVB Datasheet(HTML) 1 Page - Texas Instruments

  TPS310312DVB Datasheet HTML 1Page - Texas Instruments TPS310312DVB Datasheet HTML 2Page - Texas Instruments TPS310312DVB Datasheet HTML 3Page - Texas Instruments TPS310312DVB Datasheet HTML 4Page - Texas Instruments TPS310312DVB Datasheet HTML 5Page - Texas Instruments TPS310312DVB Datasheet HTML 6Page - Texas Instruments TPS310312DVB Datasheet HTML 7Page - Texas Instruments TPS310312DVB Datasheet HTML 8Page - Texas Instruments TPS310312DVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS31xxExx, TPS31xxH20, TPS31xxK33
ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
SLVS363B − AUGUST 2001 − REVISED SEPTEMBER 2004
www.ti.com
1
features
D Precision Supply Voltage Supervision
Range: 0.9 V, 1.2 V, 1.5 V, 1.6 V,
2 V, 3.3 V
D High Trip Point Accuracy: 0.75%
D Supply Current of 1.2 µA (Typ)
D RESET Defined With Input Voltages as Low
as 0.4 V
D Power On Reset Generator With a Delay
Time of 130 ms
D Push/Pull or Open-Drain RESET Outputs
D SOT23-6 Package
D Temperature Range ... −40°C to 85°C
typical applications
D Applications Using Low-Power DSPs,
Microcontrollers or Microprocessors
D Portable/Battery-Powered Equipment
D Intelligent Instruments
D Wireless Communication Systems
D Programmable Controls
D Industrial Equipment
D Notebook/Desktop Computers
D Automotive Systems
description
The TPS310x, TPS311x families of supervisory
circuits provide circuit initialization and timing
supervision, primarily for DSP and processor-
based systems.
During power on, RESET is asserted when the
supply voltage (VDD) becomes higher than 0.4 V.
Thereafter, the supervisory circuit monitors VDD
and keeps the RESET output active as long as
VDD remains below the threshold voltage (VIT). An
internal timer delays the return of the output to the
inactive state to ensure proper system reset. The
delay time starts after VDD has risen above the VIT.
When the VDD drops below the VIT, the output
becomes active again.
All the devices of this family have a fixed-sense threshold voltage (VIT) set by an internal voltage divider.
Copyright
 2001 − 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
(TOP VIEW)
RESET
GND
MR
VDD
PFI
TPS3103
DBV PACKAGE
PFO
(TOP VIEW)
RSTVDD
GND
MR
VDD
SENSE
TPS3106
DBV PACKAGE
RSTSENSE
(TOP VIEW)
RESET
GND
MR
VDD
SENSE
TPS3110
DBV PACKAGE
WDI
TPS3106E33DBV
VDD
RSTVDD
RSTSENSE
GND
SENSE
R1
R2
GND
Vcore
VIO
RESET
R3
DSP
3.3 V
1.6 V
GND
typical application circuit
3
2
4
6
1
5
3
2
4
6
1
5
3
2
4
6
1
5
MR


Número de pieza similar - TPS310312DVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3103 TI-TPS3103 Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVR TI-TPS3103E12DBVR Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
More results

Descripción similar - TPS310312DVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com