Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54294RSAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54294RSAT
Descripción Electrónicos  2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54294RSAT Datasheet(HTML) 5 Page - Texas Instruments

  TPS54294RSAT Datasheet HTML 1Page - Texas Instruments TPS54294RSAT Datasheet HTML 2Page - Texas Instruments TPS54294RSAT Datasheet HTML 3Page - Texas Instruments TPS54294RSAT Datasheet HTML 4Page - Texas Instruments TPS54294RSAT Datasheet HTML 5Page - Texas Instruments TPS54294RSAT Datasheet HTML 6Page - Texas Instruments TPS54294RSAT Datasheet HTML 7Page - Texas Instruments TPS54294RSAT Datasheet HTML 8Page - Texas Instruments TPS54294RSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SW1
VIN1
VBST 1
EN1
VFB2
VFB1
GND
VREG5
PGND1
6
VIN2
VBST2
EN2
SW 2
PG1
5
1
3
PG2
9
10
11
PGND 2
2
4
7
13
12
14
8
15
16
TPS54294
HTSSOP16
(PowerPAD)
2
3
4
1
14
15
16
13
8
7
6
5
11
10
9
12
PowerPAD
VIN2
VIN1
VBST1
VBST2
VREG5
GND
VFB1
VFB2
TPS54294
www.ti.com
SLVSB00D – OCTOBER 2011 – REVISED SEPTEMBER 2013
DEVICE INFORMATION
HTSSOP PACKAGE (TOP VIEW)
RSA PACKAGE (TOP VIEW)
PIN FUNCTIONS(1)
PIN
I/O
DESCRIPTION
NAME
NUMBER
PWP
RSA
VIN1, VIN2
1, 16
3, 2
I
Power inputs and connects to both high side NFET drains.
Supply Input for 5.5V linear regulator.
VBST1, VBST2
2, 15
4, 1
I
Supply input for high-side NFET gate drive circuit. Connect 0.1µF ceramic capacitor
between VBSTx and SWx pins. An internal diode is connected between VREG5 and
VBSTx
SW1, SW2
3, 14
5, 16
I/O
Switch node connections for both the high-side NFETs and low–side NFETs. Input of
current comparator.
PGND1, PGND2
4, 13
6, 15
I/O
Ground returns for low-side MOSFETs. Input of current comparator.
EN1, EN2
5, 12
7, 14
I
Enable. Pull High to enable according converter.
PG1, PG2
6, 11
8, 13
O
Open drain power good output. Low means the output voltage of the corresponding
output is out of regulation.
VFB1, VFB2
7, 10
9, 12
I
D-CAP2 feedback inputs. Connect to output voltage with resistor divider.
GND
8
10
I/O
Signal GND. Connect sensitive SSx and VFBx returens to GND at a single point.
VREG5
9
11
O
Output of 5.5V linear regulator. Bypass to GND with a high-quality ceramic capacitor
of at least 1.0 µF. VREG5 is active when VIN1 is added .
Exposed Thermal
Back side
Back side
I/O
Thermal pad of the package. Must be soldered to achieve appropriate dissipation.
Pad
Must be connected to GND.
(1)
x means either 1 or 2, e.g. VFBx means VFB1 or VFB2.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54294


Número de pieza similar - TPS54294RSAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWP TI1-TPS542941PWP Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941PWP TI1-TPS542941PWP Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Descripción similar - TPS54294RSAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com