Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMJ320MCM42D Datasheet(PDF) 11 Page - Texas Instruments

No. de Pieza. SMJ320MCM42D
Descripción  DUAL SMJ320C40 MULTICHIP MODULE
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

SMJ320MCM42D Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SMJ320MCM42C, SMJ320MCM42D
DUAL SMJ320C40 MULTICHIP MODULE
SGKS001D -- JULY 1997 -- REVISED OCTOBER 2001
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
-- 0.3 V to 7 V
..............................................
Voltage range on any terminal
-- 0.3 V to 7 V
......................................................
Output voltage range, VO
-- 0.3Vto7V
..........................................................
Operating free-air temperature range (commercial [L version]), TA
0°Cto70°C
.......................
(military [M version]), TA
-- 55°C to 125°C
......................
Junction temperature, TJ
150°C
.................................................................
Storage temperature range, Tstg
-- 65°C to 150°C
..................................................
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
MAX
UNIT
V
Supply voltage
42-33
4.5
5.5
V
VCC
Supply voltage
42-40
4.75
5.25
V
CLKIN_COMM
2.6
VCC +0.3
VIH
High-level input voltage
CSTRBx, CRDYx, CREQx, CACKx
2.2
VCC +0.3
V
VIH
High level input voltage
All others
2
VCC +0.3
V
VIL
Low-level input voltage
-- 0.3
0.8
V
IOH
High-level output current
-- 300
μA
IOL
Low-level output current
2
mA
T
Operating free air temperature range
L version
0
70
°C
TA
Operating free-air temperature range
M version
-- 55
125
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Note 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VCC =MIN, IOH =MAX
2.4
3
V
VOL
Low-level output voltage
VCC =MIN, IOL =MAX
0.3
0.6
V
I
Supply current
42D
V
MAX
0.7
1.1
A
ICC
Supply current
42C
VCC =MAX
0.8
1.5
A
IZ
3-state current
VI =VSS to VCC
-- 20
20
μA
II
Input current
VI =VSS to VCC
-- 10
10
μA
II2
Input current, COMM signal (see Note 3)
VI =VSS to VCC
-- 20
20
μA
IIP
Input current, internal pullup (see Note 4)
VI =VSS to VCC
-- 400
30
μA
IIP2
Input current, dual internal pullup (see Note 5)
VI =VSS to VCC
-- 800
60
μA
IIC
Input current, CLKIN_COMM
VI =VSS to VCC
-- 60
60
μA
For conditions shown as MIN/MAX, use the appropriate value specified under recommended operating conditions.
NOTES: 2. Electrical characteristics are calculated algebraically from the SMJ320C40 data sheet limits.
3. Includes signals EMU0_COMM, EMU1_COMM, and RESET_COMM
4. Applies to TDI_C40_#1
5. Includes signals TCK_COMM, TMS_COMM, and TRST_COMM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn