Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54331DDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54331DDA
Descripción Electrónicos  TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54331DDA Datasheet(HTML) 4 Page - Texas Instruments

  TPS54331DDA Datasheet HTML 1Page - Texas Instruments TPS54331DDA Datasheet HTML 2Page - Texas Instruments TPS54331DDA Datasheet HTML 3Page - Texas Instruments TPS54331DDA Datasheet HTML 4Page - Texas Instruments TPS54331DDA Datasheet HTML 5Page - Texas Instruments TPS54331DDA Datasheet HTML 6Page - Texas Instruments TPS54331DDA Datasheet HTML 7Page - Texas Instruments TPS54331DDA Datasheet HTML 8Page - Texas Instruments TPS54331DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1
2
3
4
5
6
7
8
BOOT
VIN
EN
SS
PH
GND
COMP
VSENSE
PowerPAD
(Pin 9)
TM
1
2
3
4
5
6
7
8
BOOT
VIN
EN
SS
PH
GND
COMP
VSENSE
TPS54331
SLVS839F – JULY 2008 – REVISED OCTOBER 2014
www.ti.com
6 Pin Configuration and Functions
D Package
DDA Package
8-Pin SOIC
8-Pin SO With PowerPAD™
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
A 0.1-
μF bootstrap capacitor is required between the BOOT and PH pins. If the voltage on this
1
BOOT
O
capacitor falls below the minimum requirement, the high-side MOSFET is forced to switch off
until the capacitor is refreshed.
2
VIN
I
This pin is the 3.5- to 28-V input supply voltage.
This pin is the enable pin. To disable, pull below 1.25 V. Float this pin to enable. Programming
3
EN
I
the input undervoltage lockout with two resistors is recommended.
4
SS
I
This pin is slow-start pin. An external capacitor connected to this pin sets the output rise time.
5
VSENSE
I
This pin is the inverting node of the transconductance (gm) error amplifier.
This pin is the error-amplifier output and the input to the PWM comparator. Connect frequency
6
COMP
O
compensation components to this pin.
7
GND
Ground pin
8
PH
O
The PH pin is the source of the internal high-side power MOSFET.
The PowerPAD is only available on the DDA package. For proper operation, the GND pin
9
PowerPAD™
must be connected to the exposed pad
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPS54331


Número de pieza similar - TPS54331DDA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Descripción similar - TPS54331DDA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54331 TI-TPS54331_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS54331 3-A, 28-V Input, Step Down DC-DC Converter With Eco-mode?
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231_15 Datasheet
667Kb / 31P
[Old version datasheet]   TPS54231 2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode?
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com