Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS54331GDR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
TPS54331GDR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 36 page TPS54331 www.ti.com SLVS839F – JULY 2008 – REVISED OCTOBER 2014 7 Specifications 7.1 Absolute Maximum Ratings (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VIN –0.3 30 EN –0.3 6 BOOT 38 Input voltage V VSENSE –0.3 3 COMP –0.3 3 SS –0.3 3 BOOT-PH 8 Output voltage PH –0.6 30 V PH (10-ns transient from ground to negative peak) –5 EN 100 μA BOOT 100 mA Source current VSENSE 10 μA PH 9 A VIN 9 A Sink current COMP 100 μA SS 200 Operating junction temperature, TJ –40 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 7.2 Handling Ratings MIN MAX UNIT Tstg Storage temperature range –65 150 °C Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all –2 2 kV pins(1) V(ESD) Electrostatic discharge Charged device model (CDM), per JEDEC specification –500 500 V JESD22-C101, all pins(2) (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Operating Input Voltage on (VIN pin) 3.5 28 V TJ Operating junction temperature –40 150 °C Copyright © 2008–2014, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: TPS54331 |
Número de pieza similar - TPS54331GDR |
|
Descripción similar - TPS54331GDR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |