Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54335ADDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54335ADDAR
Descripción Electrónicos  TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54335ADDAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54335ADDAR Datasheet HTML 1Page - Texas Instruments TPS54335ADDAR Datasheet HTML 2Page - Texas Instruments TPS54335ADDAR Datasheet HTML 3Page - Texas Instruments TPS54335ADDAR Datasheet HTML 4Page - Texas Instruments TPS54335ADDAR Datasheet HTML 5Page - Texas Instruments TPS54335ADDAR Datasheet HTML 6Page - Texas Instruments TPS54335ADDAR Datasheet HTML 7Page - Texas Instruments TPS54335ADDAR Datasheet HTML 8Page - Texas Instruments TPS54335ADDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
TPS54335A, TPS54335-1A, TPS54336A
www.ti.com
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
THERMAL METRIC
TPS5433xA
TPS5433xA and
TPS54335-1A
TPS54335-2A
UNIT
DDA (SO
PowerPAD)
DRC (VSON)
DRC (VSON)
8 PINS
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
42.1
43.9
43.9
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
50.9
55.4
55.4
°C/W
RθJB
Junction-to-board thermal resistance
31.8
18.9
18.9
°C/W
ψJT
Junction-to-top characterization parameter
8
0.7
0.7
°C/W
ψJB
Junction-to-board characterization parameter
13.5
19.1
19.1
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
7.1
5.3
5.3
°C/W
(1)
Measured at pins
6.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document unless otherwise noted. These
specifications are interpreted as conditions that will not degrade the parametric or functional specifications of the device for
the life of the product containing it. TJ = –40°C to 150°C, VIN = 4.5 to 28 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND UVLO (VIN PIN)
Operating input voltage
4.5
28
V
Input UVLO threshold
Rising VIN
4
4.5
V
Input UVLO hysteresis
180
400
mV
VIN-shutdown supply current
VEN = 0 V
2
10
µA
VIN-operating non-switching supply
current
VVSENSE = 810 mV
310
800
µA
ENABLE (EN PIN)
Enable threshold
Rising
1.21
1.28
V
Enable threshold
Falling
1.1
1.17
V
Input current
VEN = 1.1 V
1.15
µA
Hysteresis current
VEN = 1.3 V
3.3
µA
VOLTAGE REFERENCE
Reference
TJ =25°C
0.7936
0.8 0.8064
V
0.788
0.8
0.812
MOSFET
High-side switch resistance(1)
V(BOOT-PH) = 3 V
160
280
V(BOOT-PH) = 6 V
128
230
Low-side switch resistance(1)
VIN = 12 V
84
170
ERROR AMPLIFIER
Error-amplifier transconductance (gm)
–2 µA < ICOMP < 2 µA, VCOMP = 1 V
1300
µmhos
Error-amplifier source and sink
VCOMP = 1 V, 100-mV overdrive
100
µA
Start switching peak current threshold
0.5
A
COMP to ISWITCH gm
8
A/V
CURRENT-LIMIT
High-side switch current-limit threshold
4
4.9
6.5
A
Low-side switch sourcing current-limit
3.5
4.7
6.1
A
Low-side switch sinking current-limit
0
A


Número de pieza similar - TPS54335ADDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54335ADDAR TI1-TPS54335ADDAR Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
More results

Descripción similar - TPS54335ADDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
[Old version datasheet]   TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com