Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54361-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54361-Q1
Descripción Electrónicos  TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54361-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54361-Q1 Datasheet HTML 2Page - Texas Instruments TPS54361-Q1 Datasheet HTML 3Page - Texas Instruments TPS54361-Q1 Datasheet HTML 4Page - Texas Instruments TPS54361-Q1 Datasheet HTML 5Page - Texas Instruments TPS54361-Q1 Datasheet HTML 6Page - Texas Instruments TPS54361-Q1 Datasheet HTML 7Page - Texas Instruments TPS54361-Q1 Datasheet HTML 8Page - Texas Instruments TPS54361-Q1 Datasheet HTML 9Page - Texas Instruments TPS54361-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
TPS54361-Q1
SLVSCC4A – APRIL 2014 – REVISED APRIL 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 150°C, V(VIN) = 4.5 V to 60 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum VIN for defined output
V(PWRGD) < 0.5 V, I(PWRGD) = 100 µA
0.9
2
V
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
RT/CLK
Minimum CLK input pulse width
15
ns
7.7 Switching Characteristics
TJ = –40°C to 150°C, V(VIN) = 4.5 V to 60 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE AND UVLO (EN PIN)
Enable to COMP active
V(VIN) = 12 V, TA = 25°C
540
µs
CURRENT-LIMIT
Current limit threshold delay
60
ns
SW
ton
V(VIN) = 23.7 V, VO = 5 V, IO = 3.5 A,
100
ns
Minimum on time
R(RT) = 39.6 kΩ, TA = 25°C
RT/CLK
Switching frequency range using RT mode
100
2500
kHz
ƒS
Switching frequency
R(RT) = 200 kΩ
450
500
550
kHz
Switching frequency range using CLK
160
2300
kHz
mode
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
RT/CLK falling edge to SW rising edge
Measured at 500 kHz with an RT
55
ns
delay
resistor (R(RT)) in series
PLL lock in time
Measured at 500 kHz
78
μs
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS54361-Q1


Número de pieza similar - TPS54361-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54361 TI1-TPS54361 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361DPRR TI1-TPS54361DPRR Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361DPRT TI1-TPS54361DPRT Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results

Descripción similar - TPS54361-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561 TI-TPS54561_15 Datasheet
2Mb / 53P
[Old version datasheet]   TPS54561 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter with Soft-Start and Eco-mode?
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54561-Q1 TI-TPS54561-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode?
TPS54561-Q1 TI1-TPS54561-Q1_16 Datasheet
1Mb / 51P
[Old version datasheet]   TPS54561-Q1 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com