Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54372 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS54372
Descripción Electrónicos  3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54372 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54372_16 Datasheet HTML 6Page - Texas Instruments TPS54372_16 Datasheet HTML 7Page - Texas Instruments TPS54372_16 Datasheet HTML 8Page - Texas Instruments TPS54372_16 Datasheet HTML 9Page - Texas Instruments TPS54372_16 Datasheet HTML 10Page - Texas Instruments TPS54372_16 Datasheet HTML 11Page - Texas Instruments TPS54372_16 Datasheet HTML 12Page - Texas Instruments TPS54372_16 Datasheet HTML 13Page - Texas Instruments TPS54372_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
AGND
BOOT
VSENSE
COMP
PWRGD
PH
PH
PH
PH
PH
RT
ENA
REFIN
VBIAS
VIN
VIN
VIN
PGND
PGND
PGND
VOUT
PH
Vin
TOPSIDE GROUND AREA
VIA to Ground Plane
ANALOG GROUND TRACE
EXPOSED
COMPENSATION
NETWORK
OUTPUT INDUCTOR
OUTPUT
FILTER
CAPACITOR
BOOT
CAPACITOR
INPUT
BYPASS
CAPACITOR
INPUT
BULK
FILTER
RESISTOR DIVIDER
NETWORK
BIAS CAPACITOR
TRACKING VOLTAGE
POWERPAD
AREA
PERFORMANCE GRAPHS
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
IO − Output Current − A
fs = 700 kHz,
VI = 5 V,
VO = 1.25 V
1.245
1.247
1.249
1.251
1.253
1.255
0
1
2
3
4
IO − Output Current − A
fs = 700 kHz,
TA = 25°C,
VI = 5 V,
VO = 1.25 V
TPS54372
SLVS430D – JUNE 2002 – REVISED FEBRUARY 2005
Figure 9. PCB Layout for 20-Pin PWP PowerPAD
EFFICIENCY
LOAD REGULATION
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 10.
Figure 11.
10


Número de pieza similar - TPS54372_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372PWP TI-TPS54372PWP Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372PWPR TI-TPS54372PWPR Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372PWPRG4 TI-TPS54372PWPRG4 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372QPWPRQ1 TI1-TPS54372QPWPRQ1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results

Descripción similar - TPS54372_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com